Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2574HVM-12 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2574HVM-12
Description  SIMPLE SWITCHER 0.5A Step-Down Voltage Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2574HVM-12 Datasheet(HTML) 1 Page - Texas Instruments

  LM2574HVM-12 Datasheet HTML 1Page - Texas Instruments LM2574HVM-12 Datasheet HTML 2Page - Texas Instruments LM2574HVM-12 Datasheet HTML 3Page - Texas Instruments LM2574HVM-12 Datasheet HTML 4Page - Texas Instruments LM2574HVM-12 Datasheet HTML 5Page - Texas Instruments LM2574HVM-12 Datasheet HTML 6Page - Texas Instruments LM2574HVM-12 Datasheet HTML 7Page - Texas Instruments LM2574HVM-12 Datasheet HTML 8Page - Texas Instruments LM2574HVM-12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM2574, LM2574HV
SNVS104D – JUNE 1999 – REVISED APRIL 2016
LM2574x SIMPLE SWITCHER® 0.5-A Step-Down Voltage Regulator
1
1 Features
1
3.3-V, 5-V, 12-V, 15-V, and Adjustable Output
Versions
Adjustable Version Output Voltage Range: 1.23 V
to 37 V (57 V for HV version) ±4% Maximum Over
Line and Load Conditions
Specified 0.5-A Output Current
Wide Input Voltage Range: 40 V, up to 60 V for
HV Version
Requires Only 4 External Components
52-kHz Fixed-Frequency Internal Oscillator
TTL Shutdown Capability, Low-Power Standby
Mode
High Efficiency
Uses Readily Available Standard Inductors
Thermal Shutdown and Current-Limit Protection
2 Applications
Simple High-Efficiency Step-Down (Buck)
Regulator
Efficient Preregulator for Linear Regulators
On-Card Switching Regulators
Positive-to-Negative Converter (Buck-Boost)
3 Description
The LM2574xx series of regulators are monolithic
integrated circuits that provide all the active functions
for a step-down (buck) switching regulator, capable of
driving a 0.5-A load with excellent line and load
regulation. These devices are available in fixed output
voltages of 3.3 V, 5 V, 12 V, 15 V, and an adjustable
output version.
Requiring
a
minimum
number
of
external
components, these regulators are simple to use and
include internal frequency compensation and a fixed-
frequency oscillator.
The
LM2574xx
series
offers
a
high-efficiency
replacement
for
popular
three-terminal
linear
regulators. Because of its high efficiency, the copper
traces on the printed-circuit board (PCB) are normally
the only heat sinking needed.
A standard series of inductors optimized for use with
the LM2574 are available from several different
manufacturers. This feature greatly simplifies the
design of switch-mode power supplies.
Other features include a specified ±4% tolerance on
output voltage within specified input voltages and
output load conditions, and ±10% on the oscillator
frequency. External shutdown is included, featuring
50-
μA (typical) standby current. The output switch
includes cycle-by-cycle current limiting, as well as
thermal shutdown for full protection under fault
conditions.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM2574, LM2574HV
SOIC (14)
8.992 mm × 7.498 mm
PDIP (8)
6.35 mm × 9.81 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Typical Application (Fixed Output Voltage Versions)


Similar Part No. - LM2574HVM-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2574HVM-12 NSC-LM2574HVM-12 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574HVM-12 TI1-LM2574HVM-12 Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574HVM-12/NOPB TI1-LM2574HVM-12/NOPB Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
More results

Similar Description - LM2574HVM-12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
Texas Instruments
LM2574 TI1-LM2574 Datasheet
2Mb / 35P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2574 TI-LM2574_15 Datasheet
2Mb / 34P
[Old version datasheet]   LM2574/LM2574HV SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_17 Datasheet
964Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_16 Datasheet
973Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com