Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2590HVSX5.0AQ Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2590HVSX5.0AQ
Description  SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2590HVSX5.0AQ Datasheet(HTML) 5 Page - Texas Instruments

  LM2590HVSX5.0AQ Datasheet HTML 1Page - Texas Instruments LM2590HVSX5.0AQ Datasheet HTML 2Page - Texas Instruments LM2590HVSX5.0AQ Datasheet HTML 3Page - Texas Instruments LM2590HVSX5.0AQ Datasheet HTML 4Page - Texas Instruments LM2590HVSX5.0AQ Datasheet HTML 5Page - Texas Instruments LM2590HVSX5.0AQ Datasheet HTML 6Page - Texas Instruments LM2590HVSX5.0AQ Datasheet HTML 7Page - Texas Instruments LM2590HVSX5.0AQ Datasheet HTML 8Page - Texas Instruments LM2590HVSX5.0AQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5
LM2590HV-AQ-Q1
www.ti.com
SNOSAC0C – MAY 2004 – REVISED JULY 2016
Product Folder Links: LM2590HV-AQ-Q1
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
(1)
All limits at room temperature (TJ = 25°C) unless otherwise specified. All room temperature limits are 100% production tested. All limits
at temperature extremes are via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate
Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2590HV-AQ-Q1 is used as shown in the Figure 24 test circuit, system performance will be as shown in system parameters
section of Electrical Characteristics.
6.5 Electrical Characteristics – 3.3 V
Specifications are for TJ = 25°C unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SYSTEM PARAMETERS – See (3)
VOUT
Output voltage
4.75 V
≤ VIN ≤ 60 V, 0.2 A ≤
ILOAD ≤ 1 A
3.168
3.3
3.432
V
apply over full operating temperature
range
3.135
3.465
η
Efficiency
VIN = 12 V, ILOAD = 1 A
77%
(1)
All limits at room temperature (TJ = 25°C) unless otherwise specified. All room temperature limits are 100% production tested. All limits
at temperature extremes are via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate
Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2590HV-AQ-Q1 is used as shown in the Figure 24 test circuit, system performance will be as shown in system parameters
section of Electrical Characteristics.
6.6 Electrical Characteristics – 5 V
Specifications are for TJ = 25°C unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SYSTEM PARAMETERS – See (3)
VOUT
Output voltage
7 V
≤ VIN ≤ 60 V, 0.2 A ≤ ILOAD
≤ 1 A
4.8
5
5.2
V
apply over full operating
temperature range
4.75
5.25
η
Efficiency
VIN = 12 V, ILOAD = 1 A
82%
(1)
All limits at room temperature (TJ = 25°C) unless otherwise specified. All room temperature limits are 100% production tested. All limits
at temperature extremes are via correlation using standard Statistical Quality Control (SQC) methods. All limits are used to calculate
Average Outgoing Quality Level (AOQL).
(2)
Typical numbers are at 25°C and represent the most likely norm.
(3)
External components such as the catch diode, inductor, input and output capacitors can affect switching regulator system performance.
When the LM2590HV-AQ-Q1 is used as shown in the Figure 25 test circuit, system performance will be as shown in system parameters
section of Electrical Characteristics.
6.7 Electrical Characteristics – ADJ
Specifications are for TJ = 25°C unless otherwise specified.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
SYSTEM PARAMETERS – See (3)
VFB
Feedback voltage
4.5 V
≤ VIN ≤ 60 V, 0.2 A ≤
ILOAD ≤ 1 A
1.193
1.23
1.267
V
apply over full operating temperature
range
1.18
1.28
IFB
Feedback bias
current
VFB = 1.3 V
10
50
nA
apply over full operating temperature
range
300
η
Efficiency
VIN = 12 V, VOUT = 3 V, ILOAD = 1 A
76%


Similar Part No. - LM2590HVSX5.0AQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2590HVSX-3.3/NOPB TI1-LM2590HVSX-3.3/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
LM2590HVSX-33 TI-LM2590HVSX-33 Datasheet
727Kb / 22P
[Old version datasheet]   LM2590HV SIMPLE SWITCHERPower Converter 150 kHz 1A Step-Down Voltage
LM2590HVSX-5.0-NOPB TI1-LM2590HVSX-5.0-NOPB Datasheet
788Kb / 22P
[Old version datasheet]   LM2590HV SIMPLE SWITCHERPower Converter 150 kHz 1A Step-Down Voltage Regulator, with Features
LM2590HVSX-5.0/NOPB TI1-LM2590HVSX-5.0/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
LM2590HVSX-ADJ/NOPB TI1-LM2590HVSX-ADJ/NOPB Datasheet
1Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
More results

Similar Description - LM2590HVSX5.0AQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2591HV TI1-LM2591HV Datasheet
3Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2596 SECOS-S5ELM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ULM2596 GTM-G5ULM2596 Datasheet
504Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
G5ELM2596 GTM-G5ELM2596 Datasheet
506Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2596 SECOS-S5ULM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2675 NSC-LM2675 Datasheet
912Kb / 26P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com