Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2593HVS-ADJ Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM2593HVS-ADJ
Description  SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2593HVS-ADJ Datasheet(HTML) 2 Page - Texas Instruments

  LM2593HVS-ADJ Datasheet HTML 1Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 2Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 3Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 4Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 5Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 6Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 7Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 8Page - Texas Instruments LM2593HVS-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
2
LM2593HV
SNVS082E – DECEMBER 2001 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM2593HV
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 4
6.1
Absolute Maximum Ratings ...................................... 4
6.2
ESD Ratings.............................................................. 4
6.3
Recommended Operating Conditions ....................... 4
6.4
Thermal Information .................................................. 5
6.5
Electrical Characteristics........................................... 5
6.6
Electrical Characteristics – 3.3-V Version................. 6
6.7
Electrical Characteristics – 5-V Version.................... 6
6.8
Electrical Characteristics – Adjustable Voltage
Version ....................................................................... 6
6.9
Typical Characteristics .............................................. 7
7
Parameter Measurement Information ................ 11
7.1
Test Circuits ............................................................ 11
8
Detailed Description ............................................ 12
8.1
Overview ................................................................. 12
8.2
Functional Block Diagram ....................................... 12
8.3
Feature Description................................................. 12
8.4
Device Functional Modes........................................ 15
9
Application and Implementation ........................ 16
9.1
Application Information............................................ 16
9.2
Typical Application .................................................. 18
10
Power Supply Recommendations ..................... 22
11
Layout................................................................... 22
11.1
Layout Guidelines ................................................. 22
11.2
Layout Example .................................................... 22
11.3
Thermal Considerations ........................................ 23
12
Device and Documentation Support ................. 24
12.1
Documentation Support ........................................ 24
12.2
Community Resources.......................................... 24
12.3
Trademarks ........................................................... 24
12.4
Electrostatic Discharge Caution ............................ 24
12.5
Glossary ................................................................ 24
13
Mechanical, Packaging, and Orderable
Information ........................................................... 24
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision D (December 2011) to Revision E
Page
Added ESD Ratings table, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section .................................................................................................. 1


Similar Part No. - LM2593HVS-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2593HVS-ADJ NSC-LM2593HVS-ADJ Datasheet
753Kb / 21P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator, with Features
More results

Similar Description - LM2593HVS-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2592HV TI1-LM2592HV Datasheet
2Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 2-A Step-Down Voltage Regulator
LM2595 TI1-LM2595_17 Datasheet
4Mb / 43P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 1-A Step-Down Voltage Regulator
LM2594 TI1-LM2594_16 Datasheet
2Mb / 41P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz 0.5-A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
LM2596SX-5.0 TI1-LM2596SX-5.0 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com