Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM25056A Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM25056A
Description  System Power Measurement IC
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM25056A Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM25056A Datasheet HTML 2Page - Texas Instruments LM25056A Datasheet HTML 3Page - Texas Instruments LM25056A Datasheet HTML 4Page - Texas Instruments LM25056A Datasheet HTML 5Page - Texas Instruments LM25056A Datasheet HTML 6Page - Texas Instruments LM25056A Datasheet HTML 7Page - Texas Instruments LM25056A Datasheet HTML 8Page - Texas Instruments LM25056A Datasheet HTML 9Page - Texas Instruments LM25056A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
-40 -20
0
20 40 60 80 100 120 140
2.20
2.25
2.30
2.35
2.40
2.46
2.50
TEMPERATURE (°C)
Rising
Falling
-40 -20 0
20 40 60 80 100 120 140
1.10
1.15
1.20
1.25
1.30
TEMPERATURE (°C)
Rising
Falling
-40 -20
0
20 40 60 80 100 120 140
9
10
11
12
TEMPERATURE (°C)
-40 -20
0
20 40 60 80 100 120 140
20
21
22
23
24
25
TEMPERATURE (°C)
-40 -20
0
20 40 60 80 100 120 140
1.2
1.3
1.4
1.5
1.6
1.7
1.8
TEMPERATURE (°C)
3V
5V, 12V, 17V
-40 -20
0
20 40 60 80 100 120 140
4
6
8
10
12
14
TEMPERATURE (°C)
3V
5V
12V
17V
LM25056A
SNVS785A – JANUARY 2011 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified the following conditions apply: TJ = +25°C, VIN = 12V. All graphs show junction temperature.
VIN Pin Current (Enabled)
VIN Pin Current (Disabled)
Figure 2.
Figure 3.
VS+ Pin Input Bias Current (Enabled)
VS- Pin Input Bias Current (Enabled)
Figure 4.
Figure .
POR Threshold
ENABLE Threshold
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM25056A


Similar Part No. - LM25056A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056APSQ TI1-LM25056APSQ Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056APSQE TI1-LM25056APSQE Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056APSQX TI1-LM25056APSQX Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
More results

Similar Description - LM25056A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM25056 TI1-LM25056_16 Datasheet
934Kb / 39P
[Old version datasheet]   System Power Measurement IC
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056 TI1-LM25056 Datasheet
623Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
logo
Maxim Integrated Produc...
78M6631 MAXIM-78M6631 Datasheet
600Kb / 30P
   3-Phase Power-Measurement IC
Rev 1; 1/12
logo
Silergy Corp.
78M6631 SILERGY-78M6631 Datasheet
567Kb / 30P
   3-Phase Power-Measurement IC
logo
Maxim Integrated Produc...
78M6631_1204 MAXIM-78M6631_1204 Datasheet
475Kb / 30P
   3-Phase Power-Measurement IC
Rev 2; 4/12
logo
Toshiba Semiconductor
TC7739FTG TOSHIBA-TC7739FTG Datasheet
906Kb / 39P
   System power IC
2016-09-29
TC7738WBG TOSHIBA-TC7738WBG Datasheet
1Mb / 48P
   System Power IC
2016-11-17
logo
Agilent(Hewlett-Packard...
N4371A HP-N4371A Datasheet
256Kb / 4P
   RIN Measurement System
logo
Silergy Corp.
78M6613 SILERGY-78M6613 Datasheet
813Kb / 33P
   Single-Phase AC Power Measurement IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com