Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FKC08-48D05W Datasheet(PDF) 1 Page - Power Mate Technology Co., LTD

Part # FKC08-48D05W
Description  4:1 ULTRA WIDE INPUT RANGE UP TO 8 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

FKC08-48D05W Datasheet(HTML) 1 Page - Power Mate Technology Co., LTD

  FKC08-48D05W Datasheet HTML 1Page - Power Mate Technology Co., LTD FKC08-48D05W Datasheet HTML 2Page - Power Mate Technology Co., LTD FKC08-48D05W Datasheet HTML 3Page - Power Mate Technology Co., LTD FKC08-48D05W Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.PDUKE.com
2015/8/28
FKC08W SERIES
DC-DC CONVERTER
4:1 ULTRA WIDE INPUT RANGE
UP TO 8 Watts
FEATURES
APPLICATIONS
NO MINIMUM LOAD REQUIRED
1600VDC INPUT TO OUTPUT ISOLATION
STANDARD 1.25 X 0.80 X 0.40 INCH 24 PIN DIP AND SMD PACKAGE
UL60950-1, EN60950-1, & IEC60950-1 SAFETY APPROVALS
COMPLIANCE TO EN50155 AND EN45545-2 RAILWAY STANDARD
CE MARKED
COMPLIANT TO RoHS II & REACH
RAILWAY SYSTEM
WIRELESS NETWORK
TELECOM/DATACOM
INDUSTRY CONTROL SYSTEM
DISTRIBUTED POWER ARCHITECTURES
SEMICONDUCTOR EQUIPMENT
1600VDC
ISOLATION
REMOTE
CONTROL
UVP
OCP
SCP
TECHNICAL SPECIFICATION All specifications are typical at nominal input, full load and 25
otherwise noted
Input Range
Output Voltage
Output Current
@Full Load
Input Current
@ No Load
Efficiency
Maximum
Capacitor Load
Model
Number
VDC
VDC
mA
mA
%
µF
FKC08-24S3P3W
9 ~ 36
3.3
2400
40
85
1330
FKC08-24S05W
9 ~ 36
5
1600
40
87
1330
FKC08-24S12W
9 ~ 36
12
666
25
86
288
FKC08-24S15W
9 ~ 36
15
533
25
86
200
FKC08-24D05W
9 ~ 36
±5
±800
20
84
±900
FKC08-24D12W
9 ~ 36
±12
±333
25
86
±133
FKC08-24D15W
9 ~ 36
±15
±267
25
86
±90
FKC08-48S3P3W
18 ~ 75
3.3
2400
20
85
1330
FKC08-48S05W
18 ~ 75
5
1600
20
87
1330
FKC08-48S12W
18 ~ 75
12
666
13
87
288
FKC08-48S15W
18 ~ 75
15
533
13
88
200
FKC08-48D05W
18 ~ 75
±5
±800
10
84
±900
FKC08-48D12W
18 ~ 75
±12
±333
13
87
±133
FKC08-48D15W
18 ~ 75
±15
±267
13
87
±90
FKC08-110S3P3W
43 ~ 160
3.3
2400
8
84
1330
FKC08-110S05W
43 ~ 160
5
1600
8
85
1330
FKC08-110S12W
43 ~ 160
12
666
4
86
288
FKC08-110S15W
43 ~ 160
15
533
4
86
200
FKC08-110D05W
43 ~ 160
±5
±800
5
82
±900
FKC08-110D12W
43 ~ 160
±12
±333
5
85
±133
FKC08-110D15W
43 ~ 160
±15
±267
5
85
±90
PART NUMBER STRUCTURE
FKC08 - 48
S
05
W - SMD
Series Name
Input
Output
Output
Input
Mounting Type
Voltage
Quantity
Voltage
Range
Option
(VDC)
(VDC)
24: 9~36
S:Single
3P3: 3.3
4 : 1
: DIP type
48:18~75
05: 5
SMD: SMD type
110:43~160
12:12
15:15
D: Dual
05:± 5
12:±12
15:±15


Similar Part No. - FKC08-48D05W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
FKC08-48D05W P-DUKE-FKC08-48D05W Datasheet
302Kb / 3P
   8 WATTS OUTPUT POWER
logo
RSG Electronic Componen...
FKC08-48D05W RSG-FKC08-48D05W Datasheet
213Kb / 3P
   8 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
FKC08-48D05W P-DUKE-FKC08-48D05W Datasheet
596Kb / 4P
   DC-DC CONVERTER
More results

Similar Description - FKC08-48D05W

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL03W P-DUKE-PDL03W_15 Datasheet
446Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
SDS05W P-DUKE-SDS05W_15 Datasheet
616Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5.04 WATTS
PDS03W P-DUKE-PDS03W_15 Datasheet
516Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 Watts
SDH02W P-DUKE-SDH02W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 2.01 WATTS
FKC12W P-DUKE-FKC12W_15 Datasheet
510Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 12 Watts
LKC05W P-DUKE-LKC05W_16 Datasheet
1Mb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5 WATTS
PDL09W P-DUKE-PDL09W Datasheet
931Kb / 5P
   4:1 ULTRA WIDE INPUT RANGE UP TO 9 Watts
SDH03W P-DUKE-SDH03W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 3 WATTS
SDH05W P-DUKE-SDH05W Datasheet
604Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 5.04 WATTS
PDL06W P-DUKE-PDL06W Datasheet
988Kb / 4P
   4:1 ULTRA WIDE INPUT RANGE UP TO 6 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com