Electronic Components Datasheet Search |
|
LM25101C Datasheet(PDF) 5 Page - Texas Instruments |
|
LM25101C Datasheet(HTML) 5 Page - Texas Instruments |
5 / 26 page LM25101A, LM25101B, LM25101C www.ti.com SNVS859B – JULY 2012 – REVISED APRIL 2013 Electrical Characteristics (continued) Limits in standard type are for TJ = 25°C only; limits in boldface type apply over the junction temperature (TJ) range of -40°C to +125°C. Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise specified, VDD = VHB = 12V, VSS = VHS = 0V, No Load on LO or HO (1). Symbol Parameter Conditions Min Typ Max Unit BOOT STRAP DIODE VDL Low-Current Forward Voltage IVDD-HB = 100 µA 0.52 0.85 V VDH High-Current Forward Voltage IVDD-HB = 100 mA 0.8 1 V RD Dynamic Resistance LM25101A/B/C IVDD-HB = 100 mA 1.0 1.65 Ω LO & HO GATE DRIVER VOL Low-Level Output Voltage LM25101A IHO = ILO = 100 mA 0.12 0.25 Low-Level Output Voltage LM25101B 0.16 0.4 V Low-Level Output Voltage LM25101C 0.28 0.65 VOH High-Level Output Voltage LM25101A IHO = ILO = 100 mA 0.24 0.45 VOH = VDD– LO or High-Level Output Voltage LM25101B 0.28 0.60 V VOH = HB - HO High-Level Output Voltage LM25101C 0.60 1.10 IOHL Peak Pullup Current LM25101A HO, LO = 0V 3 Peak Pullup Current LM25101B 2 A Peak Pullup Current LM25101C 1 IOLL Peak Pulldown Current LM25101A HO, LO = 12V 3 Peak Pulldown Current LM25101B 2 A Peak Pulldown Current LM25101C 1 THERMAL RESISTANCE θJA Junction to Ambient (2) SOIC-8 170 SO power Pad-8 40 WSON-8 40 °C/W WSON-10 40 Msop Power Pad-8 80 (2) The θJA is not a given constant for the package and depends on the printed circuit board design and the operating environment. Copyright © 2012–2013, Texas Instruments Incorporated Submit Documentation Feedback 5 Product Folder Links: LM25101A LM25101B LM25101C |
Similar Part No. - LM25101C |
|
Similar Description - LM25101C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |