Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM28VLT32SKGD3 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SM28VLT32SKGD3
Description  32-MBIT HIGH-TEMPERATURE FLASH MEMORY WITH SERIAL PERIPHERAL INTERFACE (SPI) BUS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM28VLT32SKGD3 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SM28VLT32SKGD3 Datasheet HTML 3Page - Texas Instruments SM28VLT32SKGD3 Datasheet HTML 4Page - Texas Instruments SM28VLT32SKGD3 Datasheet HTML 5Page - Texas Instruments SM28VLT32SKGD3 Datasheet HTML 6Page - Texas Instruments SM28VLT32SKGD3 Datasheet HTML 7Page - Texas Instruments SM28VLT32SKGD3 Datasheet HTML 8Page - Texas Instruments SM28VLT32SKGD3 Datasheet HTML 9Page - Texas Instruments SM28VLT32SKGD3 Datasheet HTML 10Page - Texas Instruments SM28VLT32SKGD3 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
SM28VLT32-HT
www.ti.com
SLVSAO2C – NOVEMBER 2012 – REVISED MARCH 2013
Table 2. Bond Pad Coordinates
BOND PAD COORDINATES (µm)
PAD NO.
DESCRIPTION
X MIN
Y MIN
X MAX
Y MAX
1
VCORE
439.985
11182.64
525.035
11267.69
73
VSS
449.715
82.11
534.765
167.16
74
HOLD#
989.765
82.11
1074.815
167.16
75
RST#
1529.815
82.11
1614.865
167.16
76
WP#
2069.865
82.11
2154.915
167.16
77
FLCLK
2609.915
82.11
2694.965
167.16
78
VIO
3149.965
82.11
3235.015
167.16
79
VCORE
3690.015
82.11
3775.065
167.16
145
VSS
3680.285
11182.64
3765.335
11267.69
146
SCK
3144.155
11182.64
3229.205
11267.69
147
SI
2600.185
11182.64
2685.235
11267.69
148
SO
2049.985
11182.64
2135.035
11267.69
149
CS#
1520.085
11182.64
1605.135
11267.69
150
VIO
980.035
11182.64
1065.085
11267.69
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SM28VLT32-HT


Similar Part No. - SM28VLT32SKGD3

ManufacturerPart #DatasheetDescription
logo
Sinopower Semiconductor...
SM2801PSQ SINOPWER-SM2801PSQ Datasheet
254Kb / 11P
   P-Channel Enhancement Mode MOSFET
SM2801PSQC-TRG SINOPWER-SM2801PSQC-TRG Datasheet
254Kb / 11P
   P-Channel Enhancement Mode MOSFET
SM2802DSQ SINOPWER-SM2802DSQ Datasheet
253Kb / 11P
   Dual N-Channel Enhancement Mode MOSFET
SM2802DSQC-TRG SINOPWER-SM2802DSQC-TRG Datasheet
253Kb / 11P
   Dual N-Channel Enhancement Mode MOSFET
logo
DB Unlimited.
SM280404-1 DBUNLIMITED-SM280404-1 Datasheet
724Kb / 1P
   Released from Engineering
More results

Similar Description - SM28VLT32SKGD3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25P32 STMICROELECTRONICS-M25P32 Datasheet
506Kb / 39P
   32 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
logo
Renesas Technology Corp
AT25DF321A RENESAS-AT25DF321A Datasheet
1Mb / 51P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
02/2019
logo
ATMEL Corporation
AT25DF321A ATMEL-AT25DF321A_10 Datasheet
2Mb / 52P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF321A ETC2-AT25DF321A Datasheet
1Mb / 53P
   32-Mbit 2.7V Minimum Serial Peripheral Interface Serial Flash Memory
logo
Numonyx B.V
M25P32 NUMONYX-M25P32 Datasheet
1,011Kb / 53P
   32-Mbit, low voltage, serial Flash memory with 75 MHz SPI bus interface
logo
SPANSION
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032P SPANSION-S25FL032P_12 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI011 SPANSION-S25FL032P0XMFI011 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI013 SPANSION-S25FL032P0XMFI013 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
S25FL032P0XMFI001 SPANSION-S25FL032P0XMFI001 Datasheet
3Mb / 69P
   32-Mbit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Multi I/O Bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com