Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM32C6416TBGLZA8EP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SM32C6416TBGLZA8EP
Description  FOXED-POINT DIGITAL SIGNAL PROCESSOR
Download  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM32C6416TBGLZA8EP Datasheet(HTML) 11 Page - Texas Instruments

Back Button SM32C6416TBGLZA8EP Datasheet HTML 7Page - Texas Instruments SM32C6416TBGLZA8EP Datasheet HTML 8Page - Texas Instruments SM32C6416TBGLZA8EP Datasheet HTML 9Page - Texas Instruments SM32C6416TBGLZA8EP Datasheet HTML 10Page - Texas Instruments SM32C6416TBGLZA8EP Datasheet HTML 11Page - Texas Instruments SM32C6416TBGLZA8EP Datasheet HTML 12Page - Texas Instruments SM32C6416TBGLZA8EP Datasheet HTML 13Page - Texas Instruments SM32C6416TBGLZA8EP Datasheet HTML 14Page - Texas Instruments SM32C6416TBGLZA8EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 131 page
background image
SM32C6416T-EP
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SGUS056A − MARCH 2005 − REVISED FEBRUARY 2006
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
memory map summary
Table 3 shows the memory map address ranges of the TMS320C64x device. Internal memory is always located
at address 0 and can be used as both program and data memory. The external memory address ranges in the
C64x device begin at the hex address locations 0x6000 0000 for EMIFB and 0x8000 0000 for EMIFA.
Table 3. Memory Map Summary
MEMORY BLOCK DESCRIPTION
BLOCK SIZE (BYTES)
HEX ADDRESS RANGE
Internal RAM (L2)
1M
0000 0000 – 000F FFFF
Reserved
23M
0010 0000 – 017F FFFF
External Memory Interface A (EMIFA) Registers
256K
0180 0000 – 0183 FFFF
L2 Registers
256K
0184 0000 – 0187 FFFF
HPI Registers
256K
0188 0000 – 018B FFFF
McBSP 0 Registers
256K
018C 0000 – 018F FFFF
McBSP 1 Registers
256K
0190 0000 – 0193 FFFF
Timer 0 Registers
256K
0194 0000 – 0197 FFFF
Timer 1 Registers
256K
0198 0000 – 019B FFFF
Interrupt Selector Registers
256K
019C 0000 – 019F FFFF
EDMA RAM and EDMA Registers
256K
01A0 0000 – 01A3 FFFF
McBSP 2 Registers
256K
01A4 0000 – 01A7 FFFF
EMIFB Registers
256K
01A8 0000 – 01AB FFFF
Timer 2 Registers
256K
01AC 0000 – 01AF FFFF
GPIO Registers
256K
01B0 0000 – 01B3 FFFF
UTOPIA Registers
256K
01B4 0000 – 01B7 FFFF
TCP/VCP Registers
256K
01B8 0000 – 01BB FFFF
Reserved
256K
01BC 0000 – 01BF FFFF
PCI Registers
256K
01C0 0000 – 01C3 FFFF
Reserved
4M – 256K
01C4 0000 – 01FF FFFF
QDMA Registers
52
0200 0000 – 0200 0033
Reserved
736M – 52
0200 0034 – 2FFF FFFF
McBSP 0 Data
64M
3000 0000 – 33FF FFFF
McBSP 1 Data
64M
3400 0000 – 37FF FFFF
McBSP 2 Data
64M
3800 0000 – 3BFF FFFF
UTOPIA Queues
64M
3C00 0000 – 3FFF FFFF
Reserved
256M
4000 0000 – 4FFF FFFF
TCP/VCP
256M
5000 0000 – 5FFF FFFF
EMIFB CE0
64M
6000 0000 – 63FF FFFF
EMIFB CE1
64M
6400 0000 – 67FF FFFF
EMIFB CE2
64M
6800 0000 – 6BFF FFFF
EMIFB CE3
64M
6C00 0000 – 6FFF FFFF
Reserved
256M
7000 0000 – 7FFF FFFF
EMIFA CE0
256M
8000 0000 – 8FFF FFFF
EMIFA CE1
256M
9000 0000 – 9FFF FFFF
EMIFA CE2
256M
A000 0000 – AFFF FFFF
EMIFA CE3
256M
B000 0000 – BFFF FFFF
Reserved
1G
C000 0000 – FFFF FFFF


Similar Part No. - SM32C6416TBGLZA8EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM32C6416T-EP TI1-SM32C6416T-EP Datasheet
1Mb / 130P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM32C6416TGLZA6EP TI1-SM32C6416TGLZA6EP Datasheet
1Mb / 130P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM32C6416TGLZA7EP TI1-SM32C6416TGLZA7EP Datasheet
1Mb / 130P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM32C6416TGLZA8EP TI1-SM32C6416TGLZA8EP Datasheet
1Mb / 130P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM32C6416TGLZI1EP TI1-SM32C6416TGLZI1EP Datasheet
1Mb / 130P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SM32C6416TBGLZA8EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com