Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDL03-12D15 Datasheet(PDF) 4 Page - Power Mate Technology Co., LTD

Part # PDL03-12D15
Description  2:1 WIDE INPUT RANGE UP TO 3 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

PDL03-12D15 Datasheet(HTML) 4 Page - Power Mate Technology Co., LTD

  PDL03-12D15 Datasheet HTML 1Page - Power Mate Technology Co., LTD PDL03-12D15 Datasheet HTML 2Page - Power Mate Technology Co., LTD PDL03-12D15 Datasheet HTML 3Page - Power Mate Technology Co., LTD PDL03-12D15 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PDL03
4
www.PDUKE.com
2016/1/6
MECHANICAL DRAWING
PIN CONNECTION
PIN
SINGLE
DUAL
1
-Vin
-Vin
2
+Vin
+Vin
3
Ctrl
Ctrl
5
NC*/No pin**
NC*/No pin**
6
+Vout
+Vout
7
-Vout
Common
8
NC
-Vout
*NC pin for standard type model.
**No pin for 3kVDC isolation model (suffix “H”).
1. All dimensions in inch [mm]
2. Tolerance :x.xx±0.02 [x.x±0.5]
x.xxx±0.01 [x.xx±0.25]
3. Pin pitch tolerance ±0.01 [0.25]
4. Pin dimension tolerance ±0.004 [0.1]


Similar Part No. - PDL03-12D15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDL03-12D15 P-DUKE-PDL03-12D15 Datasheet
299Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
logo
RSG Electronic Componen...
PDL03-12D15 RSG-PDL03-12D15 Datasheet
179Kb / 3P
   3 WATTS DC-DC CONVERTER
logo
Power Mate Technology C...
PDL03-12D15 P-DUKE-PDL03-12D15 Datasheet
335Kb / 4P
   DC-DC CONVERTER
PDL03-12D15W P-DUKE-PDL03-12D15W Datasheet
234Kb / 3P
   3 WATTS MAXIMUM OUTPUT POWER
logo
RSG Electronic Componen...
PDL03-12D15W RSG-PDL03-12D15W Datasheet
153Kb / 3P
   3 WATTS DC-DC CONVERTER
More results

Similar Description - PDL03-12D15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
UDH03 P-DUKE-UDH03_15 Datasheet
689Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
UDS03 P-DUKE-UDS03_15 Datasheet
685Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDL09 P-DUKE-PDL09 Datasheet
904Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 9 Watts
SDH01 P-DUKE-SDH01_15 Datasheet
662Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 WATTS
SDS02 P-DUKE-SDS02_15 Datasheet
720Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 WATTS
UDH01 P-DUKE-UDH01_15 Datasheet
679Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 Watts
PDL06 P-DUKE-PDL06 Datasheet
987Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 6 Watts
UDS02 P-DUKE-UDS02_15 Datasheet
681Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com