Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM320C6457-HIREL Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SM320C6457-HIREL
Description  SM320C6457-HIREL Communications Infrastructure Digital Signal Processor
Download  209 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6457-HIREL Datasheet(HTML) 1 Page - Texas Instruments

  SM320C6457-HIREL Datasheet HTML 1Page - Texas Instruments SM320C6457-HIREL Datasheet HTML 2Page - Texas Instruments SM320C6457-HIREL Datasheet HTML 3Page - Texas Instruments SM320C6457-HIREL Datasheet HTML 4Page - Texas Instruments SM320C6457-HIREL Datasheet HTML 5Page - Texas Instruments SM320C6457-HIREL Datasheet HTML 6Page - Texas Instruments SM320C6457-HIREL Datasheet HTML 7Page - Texas Instruments SM320C6457-HIREL Datasheet HTML 8Page - Texas Instruments SM320C6457-HIREL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 209 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SM320C6457-HIREL
SPRS948 – JULY 2016
SM320C6457-HIREL Communications Infrastructure Digital Signal Processor
1
Device Overview
1
1.1
Features
1
• High-Performance Fixed-Point Digital Signal
Processor (DSP) — SM320C6457-HIREL
– 1.18-ns, 1-ns, and 0.83-ns Instruction Cycle
Time
– 850-MHz and 1-GHz Clock Rate
– Eight 32-Bit Instructions/Cycle
– 8000 and 9600 MIPS/MMACS (16 Bit)
– Extended Case Temperature
–55ºC to 100ºC (1 GHz)
• TMS320C64x+™ DSP Core
– Dedicated SPLOOP Instruction
– Compact Instructions (16 Bit)
– Instruction Set Enhancements
– Exception Handling
• TMS320C64x+ Megamodule L1/L2 Memory
Architecture:
– 256K-Bit (32Kb) L1P Program Cache [Direct
Mapped]
– 256K-Bit (32Kb) L1D Data Cache [2-Way Set-
Associative]
– 16M-Bit (2048Kb) L2 Unified Mapped
Ram/Cache [Flexible Allocation]
Configurable up to 1MB of L2 Cache
– 512K-Bit (64Kb) L3 ROM
– Time Stamp Counter
• Enhanced VCP2
– Supports Over 694 7.95-Kbps AMR
– Programmable Code Parameters
• Two Enhanced Turbo Decoder Coprocessors
(TCP2_A and TCP2_B)
– Each TCP2 Supports up to Eight 2-Mbps 3GPP
(6 Iterations)
– Programmable Turbo Code and Decoding
Parameters
• Endianess: Little Endian, Big Endian
• 64-Bit External Memory Interface (EMIFA)
– Glueless Interface to Asynchronous Memories
(SRAM, Flash, and EEPROM) and Synchronous
Memories (SBSRAM, ZBT SRAM)
– Supports Interface to Standard Sync Devices
and Custom Logic (FPGA, CPLD, ASICs, and
So Forth)
– 32M-Byte Total Addressable External Memory
Space
• 32-Bit DDR2 Memory Controller (DDR2-667
SDRAM)
• Four 1× Serial RapidIO® Links (or One 4×), v1.3
Compliant
– 1.25-, 2.5-, 3.125-Gbps Link Rates
– Message Passing, DirectIO Support, Error
Management Extensions, Congestion Control
– IEEE 1149.6 Compliant I/Os
• EDMA3 Controller (64 Independent Channels)
• 32-/16-Bit Host-Port Interface (HPI)
• Two 1.8-V McBSPs
• 10/100/1000 Mb/s Ethernet MAC (EMAC)
– IEEE 802.3 Compliant
– Supports SGMII, v1.8 Compliant
– 8 Independent Transmit (TX) and 8 Independent
Receive (RX) Channels
• Two 64-Bit General-Purpose Timers
– Configurable as Four 32-Bit Timers
– Configurable in a Watchdog Timer Mode
• UTOPIA
– UTOPIA Level 2 Slave ATM Controller
– 8-Bit Transmit and Receive Operations up to
50 MHz per Direction
– User-Defined Cell Format up to 64 Bytes
• One 1.8-V Inter-Integrated Circuit (I2C) Bus
• 16 General-Purpose I/O (GPIO) Pins
• System PLL and PLL Controller
• DDR PLL, Dedicated to DDR2 Memory Controller
• Advanced Event Triggering (AET) Compatible
• Trace-Enabled Device
• Supports IP Security
• IEEE-1149.1 and IEEE-1149.6 (JTAG™)
Boundary-Scan-Compatible
• 688-Pin Ball Grid Array (BGA) Package (GMH
Suffix), 0.8-mm Ball Pitch
• 0.065-µm/7-Level Cu Metal Process (CMOS)
• 3.3-V, 1.8-V, 1.1-V I/Os, 1.1-V and 1.2-V Internal


Similar Part No. - SM320C6457-HIREL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM320C6455-EP TI1-SM320C6455-EP Datasheet
2Mb / 254P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6455BGTZEP TI1-SM320C6455BGTZEP Datasheet
2Mb / 254P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6455BGTZSEP TI1-SM320C6455BGTZSEP Datasheet
2Mb / 254P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SM320C6457-HIREL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320TCI6484CMH TI1-TMS320TCI6484CMH Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6484 TI1-TMS320TCI6484 Datasheet
2Mb / 242P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6487 TI1-TMS320TCI6487_19 Datasheet
1Mb / 220P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482 TI-TMS320TCI6482 Datasheet
2Mb / 255P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6487 TI-TMS320TCI6487 Datasheet
2Mb / 206P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6482GTZ TI1-TMS320TCI6482GTZ Datasheet
1Mb / 260P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320C6457CCMH TI1-TMS320C6457CCMH Datasheet
2Mb / 217P
[Old version datasheet]   Communications Infrastructure Digital Signal Processor
TMS320TCI6489 TI1-TMS320TCI6489 Datasheet
1Mb / 197P
[Old version datasheet]   TMS320TCI6489 Communications Infrastructure Digital Signal Processor
TMS320TCI6486 TI1-TMS320TCI6486 Datasheet
1Mb / 268P
[Old version datasheet]   TMS320TCI6486 Communications Infrastructure Digital Signal Processor
TMS320TCI6487ZUN TI1-TMS320TCI6487ZUN Datasheet
1Mb / 219P
[Old version datasheet]   TMS320TCI6487/8 Communications Infrastructure Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com