Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM32C6415EGLZ50AEP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # SM32C6415EGLZ50AEP
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SM32C6415EGLZ50AEP Datasheet(HTML) 8 Page - Texas Instruments

Back Button SM32C6415EGLZ50AEP Datasheet HTML 4Page - Texas Instruments SM32C6415EGLZ50AEP Datasheet HTML 5Page - Texas Instruments SM32C6415EGLZ50AEP Datasheet HTML 6Page - Texas Instruments SM32C6415EGLZ50AEP Datasheet HTML 7Page - Texas Instruments SM32C6415EGLZ50AEP Datasheet HTML 8Page - Texas Instruments SM32C6415EGLZ50AEP Datasheet HTML 9Page - Texas Instruments SM32C6415EGLZ50AEP Datasheet HTML 10Page - Texas Instruments SM32C6415EGLZ50AEP Datasheet HTML 11Page - Texas Instruments SM32C6415EGLZ50AEP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 93 page
background image
SM320C6414-EP, SM320C6415-EP, SM320C6416-EP
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SGUS043D – MAY 2003 – REVISED SEPTEMBER 2008
www.ti.com
The two .M functional units perform all multiplication operations. Each of the C64x .M units can perform
two 16-bit
× 16-bit multiplies or four 8-bit × 8-bit multiplies per clock cycle. The .M unit can also perform
16-bit
× 32-bit multiply operations, dual 16-bit × 16-bit multiplies with add/subtract operations, and quad
8-bit
× 8-bit multiplies with add operations. In addition to standard multiplies, the C64x .M units include
bit-count, rotate, Galois field multiplies, and bidirectional variable shift hardware.
The two .S and .L functional units perform a general set of arithmetic, logical, and branch functions, with
results available every clock cycle. The arithmetic and logical functions on the C64x CPU include single
32-bit, dual 16-bit, and quad 8-bit operations.
The processing flow begins when a 256-bit-wide instruction fetch packet is fetched from a program
memory. The 32-bit instructions destined for the individual functional units are linked together by "1" bits in
the least significant bit (LSB) position of the instructions. The instructions that are chained together for
simultaneous execution (up to eight in total) compose an execute packet. A "0" in the LSB of an
instruction breaks the chain, effectively placing the instructions that follow it in the next execute packet. A
C64x DSP device enhancement now allows execute packets to cross fetch-packet boundaries. In the
TMS320C62x/TMS320C67x™ DSP devices, if an execute packet crosses the fetch-packet boundary (256
bits wide), the assembler places it in the next fetch packet, while the remainder of the current fetch packet
is padded with no-operation (NOP) instructions. In the C64x DSP device, the execute boundary
restrictions have been removed, thereby, eliminating all of the NOPs added to pad the fetch packet and,
thus, decreasing the overall code size. The number of execute packets within a fetch packet can vary from
one to eight. Execute packets are dispatched to their respective functional units at the rate of one per
clock cycle, and the next 256-bit fetch packet is not fetched until all the execute packets from the current
fetch packet have been dispatched. After decoding, the instructions simultaneously drive all active
functional units for a maximum execution rate of eight instructions every clock cycle. While most results
are stored in 32-bit registers, they can be subsequently moved to memory as bytes, halfwords, words, or
doublewords. All load and store instructions are byte, halfword, word, or doubleword addressable.
For more details on the C64x CPU functional units enhancements, see the following documents:
• TMS320C6000 CPU and Instruction Set Reference Guide (literature number SPRU189)
• TMS320C64x™ Technical Overview (literature number SPRU395)
• How to Begin Development Today With the TMS320C6414, TMS320C6415, and TMS320C6416 DSPs
application report (literature number SPRA718)
Introduction
8
Submit Documentation Feedback


Similar Part No. - SM32C6415EGLZ50AEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SM32C6415EGLZ50AEP TI1-SM32C6415EGLZ50AEP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results

Similar Description - SM32C6415EGLZ50AEP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320VC5407 TI-TMS320VC5407 Datasheet
1Mb / 110P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6211B TI-TMS320C6211B Datasheet
1Mb / 83P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SM320C6414-EP TI1-SM320C6414-EP Datasheet
1,019Kb / 93P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
SMJ320C6414 TI1-SMJ320C6414_16 Datasheet
1Mb / 134P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6414 TI-TMS320C6414_04 Datasheet
1Mb / 139P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI-TMS320C6202 Datasheet
1Mb / 86P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C6202 TI1-TMS320C6202_16 Datasheet
2Mb / 110P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320C54X TI1-TMS320C54X_16 Datasheet
1Mb / 118P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
TMS320VC5510 TI1-TMS320VC5510_17 Datasheet
1Mb / 90P
[Old version datasheet]   Fixed-Point Digital Signal Processors
TMS320C6416TBGLZA8 TI-TMS320C6416TBGLZA8 Datasheet
2Mb / 148P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com