Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91R40008-66AI Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT91R40008-66AI
Description  AT91 ARM Thumb Microcontroller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91R40008-66AI Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT91R40008-66AI Datasheet HTML 7Page - ATMEL Corporation AT91R40008-66AI Datasheet HTML 8Page - ATMEL Corporation AT91R40008-66AI Datasheet HTML 9Page - ATMEL Corporation AT91R40008-66AI Datasheet HTML 10Page - ATMEL Corporation AT91R40008-66AI Datasheet HTML 11Page - ATMEL Corporation AT91R40008-66AI Datasheet HTML 12Page - ATMEL Corporation AT91R40008-66AI Datasheet HTML 13Page - ATMEL Corporation AT91R40008-66AI Datasheet HTML 14Page - ATMEL Corporation AT91R40008-66AI Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
11
AT91R40008 - Summary
1732DS–ATARM–03/04
Peripherals
The AT91R40008 microcontroller peripherals are connected to the 32-bit wide
Advanced Peripheral Bus. Peripheral registers are only word accessible – byte and half-
word accesses are not supported. If a byte or a half-word access is attempted, the mem-
ory controller automatically masks the lowest address bits and generates a word
access.
Each peripheral has a 16-Kbyte address space allocated (the AIC only has a 4-Kbyte
address space).
Peripheral Registers
The following registers are common to all peripherals:
Control Register – write-only register that triggers a command when a one is written
to the corresponding position at the appropriate address. Writing a zero has no
effect.
Mode Register – read/write register that defines the configuration of the peripheral.
Usually has a value of 0x0 after a reset.
Data Registers – read and/or write registers that enable the exchange of data
between the processor and the peripheral.
Status Register – read-only register that returns the status of the peripheral.
Enable/Disable/Status Registers are shadow command registers. Writing a one in
the Enable Register sets the corresponding bit in the Status Register. Writing a one
in the Disable Register resets the corresponding bit and the result can be read in the
Status Register. Writing a bit to zero has no effect. This register access method
maximizes the efficiency of bit manipulation and enables modification of a register
with a single non-interruptible instruction, replacing the costly read-modify-write
operation.
Unused bits in the peripheral registers are shown as “–” and must be written at 0 for
upward compatibility. These bits read 0.
Peripheral Interrupt Control
The Interrupt Control of each peripheral is controlled from the Status Register using the
interrupt mask. The Status Register bits are ANDed to their corresponding interrupt
mask bits and the result is then ORed to generate the Interrupt Source signal to the
Advanced Interrupt Controller.
The interrupt mask is read in the Interrupt Mask Register and is modified with the Inter-
rupt Enable Register and the Interrupt Disable Register. The enable/disable/status (or
mask) makes it possible to enable or disable peripheral interrupt sources with a non-
interruptible single instruction. This eliminates the need for interrupt masking at the AIC
or Core level in real-time and multi-tasking systems.
Peripheral Data Controller
The AT91R40008 microcontroller has a 4-channel PDC dedicated to the two on-chip
USARTs. One PDC channel is dedicated to the receiver and one to the transmitter of
each USART.
The user interface of a PDC channel is integrated in the memory space of each USART.
It contains a 32-bit Address Pointer Register (RPR or TPR) in addition to a 16-bit Trans-
fer Counter Register (RCR or TCR). When the programmed number of transfers are
performed, a status bit indicating the end of transfer is set in the USART Status Register
and an interrupt can be generated.


Similar Part No. - AT91R40008-66AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91R40008-66AI ATMEL-AT91R40008-66AI Datasheet
234Kb / 19P
   Incorporates the ARM7TDM ARM Thumb Processor Core
More results

Similar Description - AT91R40008-66AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M55800A ATMEL-AT91M55800A_04 Datasheet
318Kb / 29P
   AT91 ARM Thumb Microcontroller
AT91SAM7L128 ATMEL-AT91SAM7L128 Datasheet
1Mb / 48P
   AT91 ARM Thumb-based Microcontroller
AT91R40008 ATMEL-AT91R40008_06 Datasheet
275Kb / 19P
   AT91 ARM Thumb-based Microcontroller
AT91M42800 ATMEL-AT91M42800 Datasheet
335Kb / 20P
   AT91 ARM Thumb Microcontrollers
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com