Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDH02 Datasheet(PDF) 4 Page - Power Mate Technology Co., LTD

Part # UDH02
Description  2:1 WIDE INPUT RANGE UP TO 2.01 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

UDH02 Datasheet(HTML) 4 Page - Power Mate Technology Co., LTD

  UDH02_15 Datasheet HTML 1Page - Power Mate Technology Co., LTD UDH02_15 Datasheet HTML 2Page - Power Mate Technology Co., LTD UDH02_15 Datasheet HTML 3Page - Power Mate Technology Co., LTD UDH02_15 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UDS02
UDH02
4
www.PDUKE.com
2016/05/10
MECHANICAL DRAWING
UDS02
PIN CONNECTION
* NC : No electrical characteristics
PIN
SINGLE
DUAL
1
-Vin
-Vin
2
+Vin
+Vin
3
+Vout
+Vout
4
No Pin
Common
5
-Vout
-Vout
6
* NC
* NC
7
* NC
* NC
UDH02
PIN CONNECTION
PIN
SINGLE
DUAL
1
-Vin
-Vin
2
+Vin
+Vin
3
+Vout
+Vout
4
No Pin
Common
5
-Vout
-Vout
1. All dimensions in inch (mm)
2. Tolerance :x.xx±0.02 (x.x±0.5)
x.xxx±0.01 (x.xx±0.25)
3. Pin pitch tolerance ±0.01 (0.25)
4. Pin dimension tolerance ±0.004(0.1)


Similar Part No. - UDH02_15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
UDH01 P-DUKE-UDH01_15 Datasheet
679Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 Watts
UDH03 P-DUKE-UDH03_15 Datasheet
689Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
More results

Similar Description - UDH02_15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
UDS02 P-DUKE-UDS02_15 Datasheet
681Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 Watts
SDS02 P-DUKE-SDS02_15 Datasheet
720Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 WATTS
SDS02W P-DUKE-SDS02W_15 Datasheet
607Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 2.01 WATTS
SDH02W P-DUKE-SDH02W_15 Datasheet
618Kb / 3P
   4:1 ULTRA WIDE INPUT RANGE UP TO 2.01 WATTS
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDL09 P-DUKE-PDL09 Datasheet
904Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 9 Watts
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL03 P-DUKE-PDL03_15 Datasheet
445Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
SDH01 P-DUKE-SDH01_15 Datasheet
662Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 WATTS
UDH01 P-DUKE-UDH01_15 Datasheet
679Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com