Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UDS(H)03-48D15 Datasheet(PDF) 3 Page - Power Mate Technology Co., LTD

Part # UDS(H)03-48D15
Description  2:1 WIDE INPUT RANGE UP TO 3 Watts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD

UDS(H)03-48D15 Datasheet(HTML) 3 Page - Power Mate Technology Co., LTD

  UDS(H)03-48D15 Datasheet HTML 1Page - Power Mate Technology Co., LTD UDS(H)03-48D15 Datasheet HTML 2Page - Power Mate Technology Co., LTD UDS(H)03-48D15 Datasheet HTML 3Page - Power Mate Technology Co., LTD UDS(H)03-48D15 Datasheet HTML 4Page - Power Mate Technology Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UDS03
UDH03
3
www.PDUKE.com
2016/05/10
ENVIRONMENTAL SPECIFICATIONS
Parameter
Conditions
Min.
Typ.
Max.
Unit
Operating ambient temperature
With derating
-40
105
Storage temperature range
-55
+125
Thermal shock
MIL-STD-810F
Vibration
MIL-STD-810F
Relative humidity
5% to 95% RH
Note:
1.
The standard modules meet EMI Class A or Class B and input reflected ripple current with external components. For further information, please
contact with P-DUKE.
2.
An external input filter capacitor is required if the module has to meet EN61000-4-4, EN61000-4-5.
The filter capacitor Power Mate suggest: Nippon chemi-con KY series, 220µF/100V.
CAUTION: This power module is not internally fused. An input line fuse must always be used.
CHARACTERISTIC CURVE
UDS(H)03-48S05 Derating Curve
UDS(H)03-48S05 Efficiency vs. Input Voltage
UDS(H)03-48S05 Efficiency vs. Output Load
EMC SPECIFICATIONS
Parameter
Conditions
Level
EMI(1)
EN55022
Class A,Class B
ESD
EN61000-4-2
Air ± 8kV
Contact ± 6kV
Perf. Criteria A
Radiated immunity
EN61000-4-3
10 V/m
Perf. Criteria A
Fast transient (2)
EN61000-4-4
± 2kV
Perf. Criteria A
Surge (2)
EN61000-4-5
±1kV
Perf. Criteria A
Conducted immunity
EN61000-4-6
10 Vr.m.s
Perf. Criteria A
Power frequency magnetic field
EN61000-4-8
100A/m continuous; 1000A/m 1 second
Perf. Criteria A


Similar Part No. - UDS(H)03-48D15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
UDS(H)03-48D15 P-DUKE-UDS(H)03-48D15 Datasheet
685Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
More results

Similar Description - UDS(H)03-48D15

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
PDS03 P-DUKE-PDS03_15 Datasheet
517Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL03 P-DUKE-PDL03_15 Datasheet
445Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
UDS03 P-DUKE-UDS03_15 Datasheet
685Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 3 Watts
PDL02 P-DUKE-PDL02_15 Datasheet
447Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2 Watts
PDL09 P-DUKE-PDL09 Datasheet
904Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 9 Watts
SDH01 P-DUKE-SDH01_15 Datasheet
662Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 WATTS
SDS02 P-DUKE-SDS02_15 Datasheet
720Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 WATTS
UDH01 P-DUKE-UDH01_15 Datasheet
679Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 1.08 Watts
PDL06 P-DUKE-PDL06 Datasheet
987Kb / 5P
   2:1 WIDE INPUT RANGE UP TO 6 Watts
UDS02 P-DUKE-UDS02_15 Datasheet
681Kb / 4P
   2:1 WIDE INPUT RANGE UP TO 2.01 Watts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com