Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT97SC3201 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT97SC3201
Description  Trusted Platform Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT97SC3201 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT97SC3201 Datasheet HTML 1Page - ATMEL Corporation AT97SC3201 Datasheet HTML 2Page - ATMEL Corporation AT97SC3201 Datasheet HTML 3Page - ATMEL Corporation AT97SC3201 Datasheet HTML 4Page - ATMEL Corporation AT97SC3201 Datasheet HTML 5Page - ATMEL Corporation AT97SC3201 Datasheet HTML 6Page - ATMEL Corporation AT97SC3201 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
AT97SC3201
2015DS-TPM–7/04
A real-time clock function is available using an external battery and crystal. The chip provides
tamper detection if the battery or crystal are removed or tampered with, and the current time
value can be signed by the appropriate internal keys to verify its accuracy. (Contact Atmel for
current status of this option.)
The battery detector can be used without the crystal for lower cost. In this mode, the TPM can
indicate to the system if it has been removed from the PC in any way and can also take
actions internally.
The chip uses a dynamic internal memory management scheme to store from 10 to 20 keys.
Other than the standard TCG commands (TPM_Evictkey, TPM_Loadkey), no system inter-
vention is required to manage this internal key cache.
The TPM is offered to OEM manufacturers as a turnkey solution, including the firmware inte-
grated on the chip. In addition, Atmel provides the necessary driver software for integration
into certain operating systems, along with BIOS drivers. A TCG Software Stack (TSS), also
supplied by Atmel and available under license, provides communication support to any appli-
cation using MSCAPI or PKCS #11 Cryptographic APIs. (Contact Atmel for a complete list of
operating systems supported.)
F u l l d o c u m e n t at i on f o r T C G pri m i t i v es c an be f oun d o n t he T C G W eb s i t e ,
www.trustedcomputinggroup.org. This specification includes only mechanical and electrical
information.


Similar Part No. - AT97SC3201

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT97SC3203 ATMEL-AT97SC3203 Datasheet
216Kb / 8P
   Trusted Platform Module
AT97SC3203-01AC ATMEL-AT97SC3203-01AC Datasheet
216Kb / 8P
   Trusted Platform Module
AT97SC3203-01MC ATMEL-AT97SC3203-01MC Datasheet
216Kb / 8P
   Trusted Platform Module
AT97SC3203-X1AC ATMEL-AT97SC3203-X1AC Datasheet
216Kb / 8P
   Trusted Platform Module
AT97SC3203-X1MC ATMEL-AT97SC3203-X1MC Datasheet
216Kb / 8P
   Trusted Platform Module
More results

Similar Description - AT97SC3201

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SLM9670AQ2.0 INFINEON-SLM9670AQ2.0 Datasheet
542Kb / 24P
   Trusted Platform Module
Revision 1.0 2019-04-08
logo
ATMEL Corporation
AT97SC3203 ATMEL-AT97SC3203 Datasheet
216Kb / 8P
   Trusted Platform Module
AT97SC3204 ATMEL-AT97SC3204 Datasheet
107Kb / 10P
   Trusted Platform Module
AT97SC3203S ATMEL-AT97SC3203S_08 Datasheet
286Kb / 8P
   Trusted Platform Module
logo
Infineon Technologies A...
SLB9670TPM1.2 INFINEON-SLB9670TPM1.2 Datasheet
261Kb / 18P
   Trusted Platform Module
Revision 1.3 2018-09-21
SLB9660 INFINEON-SLB9660 Datasheet
912Kb / 22P
   Trusted Platform Module
Revision 1.0, 2014-12-12
logo
ATMEL Corporation
AT97SC3205T ATMEL-AT97SC3205T_14 Datasheet
324Kb / 10P
   Trusted Platform Module
logo
Infineon Technologies A...
SLB9670TPM2.0 INFINEON-SLB9670TPM2.0 Datasheet
283Kb / 21P
   Trusted Platform Module
Revision 1.4 2018-12-07
SLB9665 INFINEON-SLB9665 Datasheet
934Kb / 24P
   Trusted Platform Module
Revision 1.0, 2015-10-27
logo
ATMEL Corporation
AT97SC3203S ATMEL-AT97SC3203S Datasheet
212Kb / 8P
   Trusted Platform Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com