Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE811xS Datasheet(PDF) 4 Page - Seaward Electronics Inc.

Part # SE811xS
Description  4-Pin Microprocessor Reset Monitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE811xS Datasheet(HTML) 4 Page - Seaward Electronics Inc.

  SE811xS Datasheet HTML 1Page - Seaward Electronics Inc. SE811xS Datasheet HTML 2Page - Seaward Electronics Inc. SE811xS Datasheet HTML 3Page - Seaward Electronics Inc. SE811xS Datasheet HTML 4Page - Seaward Electronics Inc. SE811xS Datasheet HTML 5Page - Seaward Electronics Inc. SE811xS Datasheet HTML 6Page - Seaward Electronics Inc. SE811xS Datasheet HTML 7Page - Seaward Electronics Inc. SE811xS Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Revision 5/15/2009
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2007. • www.seawardinc.com
4
SE811
4-Pin Microprocessor Reset Monitor
(Preliminary)
Note 1:
Exceeding the absolute maximum rating may damage the device.
Note 2:
The device is not guaranteed to function outside its operating rating.
Note 3:
The maximum allowable power dissipation at any TA (ambient temperature) is calculated using: PD(MAX) =
(TJ(MAX) – TA)/ΘJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature,
and the regulator will go into thermal shutdown. See “Thermal Consideration” section for details
Note 4:
RESET threshold temperature coefficient is the worst case voltage change divided by the total temperature
range.
PIN DESCRIPTION:
Pin No.
Symbol
Description
1
GND
Ground
2
RESET
RESET output remains low while Vcc is below the reset voltage
threshold and for 150mSec(typ) after Vcc rises above reset threshold
3
MR
Manual Reset Input. A logic low on MR asserts. Reset remains asserted
as long as MR is low and for 150ms after MR returns high. It can be
driven from a TTL or CMOS-logic line, Or shorted to ground with a
switch. Leave Open if unused.
4
Vcc
Supply Voltage (typ.)


Similar Part No. - SE811xS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SE8117 ETC-SE8117 Datasheet
162Kb / 5P
   1A Positive Voltage Regulators
logo
Seaward Electronics Inc...
SE8117 SEAWARD-SE8117 Datasheet
361Kb / 8P
   1A Positive Voltage Regulators
SE8117B SEAWARD-SE8117B Datasheet
407Kb / 7P
   1A Positive Voltage Regulators
SE8117BTALF SEAWARD-SE8117BTALF Datasheet
407Kb / 7P
   1A Positive Voltage Regulators
SE8117BTXXLF SEAWARD-SE8117BTXXLF Datasheet
407Kb / 7P
   1A Positive Voltage Regulators
More results

Similar Description - SE811xS

ManufacturerPart #DatasheetDescription
logo
E-CMOS Corporation
EC95809 E-CMOS-EC95809 Datasheet
246Kb / 6P
   3-Pin Microprocessor Reset Monitor
logo
YOBON TECHNOLOGIES,INC.
YB1921 YOBON-YB1921 Datasheet
149Kb / 5P
   3-Pin Microprocessor Reset Monitor
logo
Seaward Electronics Inc...
SE810 SEAWARD-SE810 Datasheet
209Kb / 6P
   3-Pin Microprocessor Reset Monitor
SE809 SEAWARD-SE809 Datasheet
184Kb / 5P
   3-Pin Microprocessor Reset Monitor
logo
List of Unclassifed Man...
CYT809 ETC2-CYT809 Datasheet
170Kb / 4P
   3-Pin Microprocessor Reset Monitor (Preliminary)
logo
ON Semiconductor
MAX803 ONSEMI-MAX803_07 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN293T3G ONSEMI-NCP803SN293T3G Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803SN400T1G ONSEMI-NCP803SN400T1G Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
MAX803 ONSEMI-MAX803_15 Datasheet
97Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
August, 2015 ??Rev. 9
logo
Maxim Integrated Produc...
MAX6711SEXS-T MAXIM-MAX6711SEXS-T Datasheet
285Kb / 8P
   4-Pin SC70 Microprocessor Reset Circuits
Rev 1; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com