Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE1084QXX-LF Datasheet(PDF) 1 Page - Seaward Electronics Inc.

Part # SE1084QXX-LF
Description  5A Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE1084QXX-LF Datasheet(HTML) 1 Page - Seaward Electronics Inc.

  SE1084QXX-LF Datasheet HTML 1Page - Seaward Electronics Inc. SE1084QXX-LF Datasheet HTML 2Page - Seaward Electronics Inc. SE1084QXX-LF Datasheet HTML 3Page - Seaward Electronics Inc. SE1084QXX-LF Datasheet HTML 4Page - Seaward Electronics Inc. SE1084QXX-LF Datasheet HTML 5Page - Seaward Electronics Inc. SE1084QXX-LF Datasheet HTML 6Page - Seaward Electronics Inc. SE1084QXX-LF Datasheet HTML 7Page - Seaward Electronics Inc. SE1084QXX-LF Datasheet HTML 8Page - Seaward Electronics Inc. SE1084QXX-LF Datasheet HTML 9Page - Seaward Electronics Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev1.0
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., • www.seawardinc.com • Page
1
9/4/2012
SE1084
5A Low Dropout Linear Regulator
Typical Application
General Description
SE1084 is a low dropout positive adjustable
or fixed-mode regulator with minimum of
5.0A output current capability. The product is
specifically
designed
to
provide
well-regulated supply for low voltage IC
applications
such
as
high-speed
bus
termination and low current 3.3V logic
supply. SE1084 is also well suited for other
applications such as VGA cards.SE1084 is
guaranteed to have lower than 1.5V dropout
at full load current making it ideal to provide
well-regulated outputs of 1.25Vto 3.3V with
4.8Vto 12V input supply.
Features
5V maximum dropout at full load current
Built-in thermal shutdown
Output current limiting
Adjustable
and1.5V/1.8V/2.5V/3.3V/5.0V
fixed
output voltages
Fast transient response
Good noise rejection
Package: TO252, TO263,
TO220
Applications
 High Efficiency Linear Regulators
 Battery Chargers
 Post Regulation for Switching Supply
 Microprocessor Supply
 Desktop PCs, RISC and Embedded
Processors' Supply


Similar Part No. - SE1084QXX-LF

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SE1084 SECOS-SE1084 Datasheet
602Kb / 4P
   Adjustable or Fixed-Mode Regulator
More results

Similar Description - SE1084QXX-LF

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G9084 GMT-G9084 Datasheet
52Kb / 2P
   5A Low-Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084_13 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084 BCDSEMI-AZ1084_10 Datasheet
918Kb / 21P
   5A LOW DROPOUT LINEAR REGULATOR
AZ1084C BCDSEMI-AZ1084C Datasheet
834Kb / 17P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Eorex Corporation
EP1084 EOREX-EP1084 Datasheet
279Kb / 8P
   5A Low Dropout Linear Regulator
logo
FOSLINK SEMICONDUCTOR C...
FSP1084 FOSLINK-FSP1084 Datasheet
226Kb / 9P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1084-XX GMT-G1084-XX Datasheet
300Kb / 8P
   5A Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR5966 UTC-LR5966 Datasheet
175Kb / 5P
   5A LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SP1084 SIPEX-SP1084 Datasheet
468Kb / 12P
   5A Low Dropout Linear Regulator
logo
BCD Semiconductor Manuf...
AZ1084 BCDSEMI-AZ1084 Datasheet
171Kb / 15P
   5A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com