Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPB040A Datasheet(PDF) 2 Page - CTS Corporation

Part # UPB040A
Description  Surface mount, silver (Ag) coated ceramic filter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

UPB040A Datasheet(HTML) 2 Page - CTS Corporation

  UPB040A Datasheet HTML 1Page - CTS Corporation UPB040A Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Filter Outline
Exposed Conductor
Solder Resist over Conductor (Keep out Area)
Solder Resist Over Dielectric
2.2993
1.2200
0.0000
0.7071
0.2500
0.1500
0.7100
0.7600
1.1400
1.2700
2.1300
2.6400
4.3900
4.9000
6.6500
6.9000
8.1443
Page 2 of 2
Mechanical Drawing
Electrical response
PCB Layout
Packaging and Marking
DIMENSION
UNITS SPECIFICATION
REEL DIAMETER
mm
330
REEL WEIGHT
kg
5.5
REEL QUANTITY
ea.
500
Customer Feed Direction
Product Marking
IN
OUT
CTS
040
YWW
PRELIMINARY
USB040A
Band 40 TDD BPF
Preliminary A – Revision Date: December 10, 2015
Wo
Ao
Bo
Ko
Po
Inches/mm
Inches/mm
Inches/mm
Inches/mm
Inches/mm
0.945"/24
0.319"/8.10 0.406"/10.30 0.165"/4.20 0.472"/12.00
Dim
Nominal (mm)
Tolerance (mm)
+/- or max
A
11.80
max
B
6.90
max
C
0.76
0.13
D
0.38
0.13
E
0.38
0.13
F
2.60
0.13
G
6.6
0.13
H
4.00
max
I
0.76
0.13
J
1.00
max


Similar Part No. - UPB040A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
UPB041A CTS-UPB041A Datasheet
175Kb / 2P
   Surface mount, silver (Ag) coated barium filter
More results

Similar Description - UPB040A

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
CER0167B CTS-CER0167B Datasheet
68Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0171A CTS-CER0171A Datasheet
294Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter
CER0185A CTS-CER0185A Datasheet
101Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0186A CTS-CER0186A Datasheet
103Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0202A CTS-CER0202A Datasheet
276Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0245E CTS-CER0245E Datasheet
72Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0280A CTS-CER0280A Datasheet
60Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0295B CTS-CER0295B Datasheet
64Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
CER0325C CTS-CER0325C Datasheet
63Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter
CER0325E CTS-CER0325E Datasheet
63Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
KFF6450A CTS-KFF6450A Datasheet
64Kb / 2P
   Surface mount, silver (Ag) coated ceramic filter.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com