Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT94K05AL-25BQI Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT94K05AL-25BQI
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94K05AL-25BQI Datasheet(HTML) 5 Page - ATMEL Corporation

  AT94K05AL-25BQI Datasheet HTML 1Page - ATMEL Corporation AT94K05AL-25BQI Datasheet HTML 2Page - ATMEL Corporation AT94K05AL-25BQI Datasheet HTML 3Page - ATMEL Corporation AT94K05AL-25BQI Datasheet HTML 4Page - ATMEL Corporation AT94K05AL-25BQI Datasheet HTML 5Page - ATMEL Corporation AT94K05AL-25BQI Datasheet HTML 6Page - ATMEL Corporation AT94K05AL-25BQI Datasheet HTML 7Page - ATMEL Corporation AT94K05AL-25BQI Datasheet HTML 8Page - ATMEL Corporation AT94K05AL-25BQI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 192 page
background image
5
AT94K Series FPSLIC
Rev. 1138F–FPSLI–06/02
FPGA Core
The AT40K core can be used for high-performance designs, by implementing a variety of com-
pute-intensive arithmetic functions. These include adaptive finite impulse response (FIR)
filters, fast Fourier transforms (FFT), convolvers, interpolators, and discrete-cosine transforms
(DCT) that are required for video compression and decompression, encryption, convolution
and other multimedia applications.
Fast, Flexible and
Efficient SRAM
The AT40K core offers a patented distributed 10 ns SRAM capability where the RAM can be
used without losing logic resources. Multiple independent, synchronous or asynchronous,
dual-port or single-port RAM functions (FIFO, scratch pad, etc.) can be created using Atmel’s
macro generator tool.
Fast, Efficient
Array and Vector
Multipliers
The AT40K cores patented 8-sided core cell with direct horizontal, vertical and diagonal cell-
to-cell connections implements ultra-fast array multipliers without using any busing resources.
The AT40K core’s Cache Logic capability enables a large number of design coefficients and
variables to be implemented in a very small amount of silicon, enabling vast improvement in
system speed.
Cache Logic
Design
The AT40K FPGA core is capable of implementing Cache Logic (dynamic full/partial logic
reconfiguration, without loss of data, on-the-fly) for building adaptive logic and systems. As
new logic functions are required, they can be loaded into the logic cache without losing the
data already there or disrupting the operation of the rest of the chip; replacing or complement-
ing the active logic. The AT40K FPGA core can act as a reconfigurable resource within the
FPSLIC environment.
Automatic
Component
Generators
The AT40K is capable of implementing user-defined, automatically generated, macros; speed
and functionality are unaffected by the macro orientation or density of the target device. This
enables the fastest, most predictable and efficient FPGA design approach and minimizes
design risk by reusing already proven functions. The Automatic Component Generators work
seamlessly with industry-standard schematic and synthesis tools to create fast, efficient
designs.
The patented AT40K architecture employs a symmetrical grid of small yet powerful cells con-
nected to a flexible busing network. Independently controlled clocks and resets govern every
column of four cells. The FPSLIC device is surrounded on three sides by programmable I/Os.
Core usable gate counts range from 5,000 to 40,000 gates and 436 to 2,864 registers. Pin
locations are consistent throughout the FPSLIC family for easy design migration in the same
package footprint.
The Atmel AT40K FPGA core architecture was developed to provide the highest levels of per-
formance, functional density and design flexibility. The cells in the FPGA core array are small,
efficient and can implement any pair of Boolean functions of (the same) three inputs or any
single Boolean function of four inputs. The cell’s small size leads to arrays with large numbers
of cells. A simple, high-speed busing network provides fast, efficient communication over
medium and long distances.
The Symmetrical
Array
At the heart of the Atmel FPSLIC architecture is a symmetrical array of identical cells. The
array is continuous from one edge to the other, except for bus repeaters spaced every four
cells, see Figure 3. At the intersection of each repeater row and column is a 32 x 4 RAM block
accessible by adjacent buses. The RAM can be configured as either a single-ported or dual-
ported RAM, with either synchronous or asynchronous operation.


Similar Part No. - AT94K05AL-25BQI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT94K05AL ATMEL-AT94K05AL Datasheet
221Kb / 1P
   FPSLIC is ALL About Time To Market
AT94K05AL ATMEL-AT94K05AL Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
More results

Similar Description - AT94K05AL-25BQI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94S ATMEL-AT94S_05 Datasheet
688Kb / 32P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT945 ATMEL-AT945 Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
ATTINY28L ATMEL-ATTINY28L_06 Datasheet
176Kb / 13P
   8-bit Microcontroller with 2K Bytes of Flash
ATMEGA406_0607 ATMEL-ATMEGA406_0607 Datasheet
2Mb / 263P
   8-bit Microcontroller with 40K Bytes In-System Programmable Flash
ATMEGA406 ATMEL-ATMEGA406_06 Datasheet
359Kb / 28P
   8-bit Microcontroller with 40K Bytes In-System Programmable Flash
AT40K05 ATMEL-AT40K05_14 Datasheet
1Mb / 55P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05 ATMEL-AT40K05 Datasheet
1Mb / 67P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K10AL ATMEL-AT40K10AL_14 Datasheet
126Kb / 4P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com