Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

592D226X-025C2-20H Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 592D226X-025C2-20H
Description  Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

592D226X-025C2-20H Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 592D226X-025C2-20H Datasheet HTML 3Page - Vishay Siliconix 592D226X-025C2-20H Datasheet HTML 4Page - Vishay Siliconix 592D226X-025C2-20H Datasheet HTML 5Page - Vishay Siliconix 592D226X-025C2-20H Datasheet HTML 6Page - Vishay Siliconix 592D226X-025C2-20H Datasheet HTML 7Page - Vishay Siliconix 592D226X-025C2-20H Datasheet HTML 8Page - Vishay Siliconix 592D226X-025C2-20H Datasheet HTML 9Page - Vishay Siliconix 592D226X-025C2-20H Datasheet HTML 10Page - Vishay Siliconix 592D226X-025C2-20H Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.vishay.com
82
592D
Vishay Sprague
Document Number 40004
Revision 20-Oct-04
For technical questions, contact tantalum@vishay.com
3.1
The sum of the peak AC voltage plus the applied DC
voltage shall not exceed the DC voltage rating of the
capacitor.
3.2
The sum of the negative peak AC voltage plus the
applied DC voltage shall not allow a voltage reversal
exceeding 10% of the DC working voltage at + 25°C.
4.0
Reverse Voltage: These capacitors are capable of
withstanding peak voltages in the reverse direction
equal to 10% of the DC rating or 1 volt maximum at
+25°C and 5% of the DC voltage rating or 0.5 volt
maximum at + 85°C.
5.0
Temperature Derating: If these capacitors are to be
operated at temperatures above + 25°C, the
permissible rms ripple current or voltage shall be
calculated using the derating factors as shown:
6.0
Power Dissipation: Power dissipation will be
affected by the heat sinking capability of the mounting
surface. Non-sinusoidal ripple current may produce
heating effects which differ from those shown. It is
important that the equivalent
Irms value be
established when calculating permissible operating
levels. (Power dissipation calculated using + 25°C
temperature rise.)
Case Code
Maximum Permissible
Power Dissipation
@ + 25
°C (Watts) in free air
A
B
C
D
R
S
T
U
V
W
X
Y
0.060
0.080
0.100
0.125
0.150
0.060
0.080
0.110
0.140
0.175
0.175
0.180
Temperature
Derating Factor
+ 25°C
+ 85°C
+ 125°C
1.0
0.9
0.4
7.0
Printed Circuit Board Materials: The capacitors are
compatible with most commonly used printed circuit
board materials (alumina substrates, FR4, FR5,
G10, PTFE-fluorocarbon and porcelanized steel). If
your desired board material is not shown there please
contact the Tantalum Marketing Department for
assistance in determining compatibility.
8.
Attachment:
8.1
Solder Paste: The recommended thickness of the
solder paste after application is 0.007" ± .001"
[.178mm ± .025mm]. Care should be exercised in
selecting the solder paste. The metal purity should
be as high as practical. The flux (in the paste) must
be active enough to remove the oxides formed on the
metallization prior to the exposure to soldering heat.
8.2 Soldering: Capacitors can be attached by
conventional soldering techniques - convection,
infrared reflow, wave soldering and hot plate methods.
The Soldering Profile chart shows typical recomended
time/temperature conditions for soldering. Attachment
with a soldering iron is not recommended due to the
difficulty of controlling temperature and time at
temperature. The soldering iron must never come in
contact with the capacitor.
9.0 Recommended Mounting Pad Geometries:
The
nib must have sufficient clearance to avoid electrical
contact with other components. The width dimension
indicated is the same as the maximum width of the
capacitor. This is to minimize lateral movement.
in inches [millimeters]
* Pads for B, C and D case codes are otherwise pad compatible with
* Type 293D, B, C and D case codes respectively.
REFLOW SOLDER PADS*
CASE
WIDTH
PAD
SEPARATION
CODE
(A)
METALIZATION
(C)
A
0.082
0.085
0.050
[2.1]
[1.7]
[1.3]
B
0.120
0.065
0.065
[3.5]
[1.7]
[1.7]
C
0.130
0.080
0.120
[3.5]
[2.3]
[3.1]
D
0.180
0.080
0.145
[4.6)
[2.3]
[3.7]
R
2.45
0.090
0.145
[8.3]
[2.3]
[3.7]
S
0.067
0.032
0.043
[1.7]
[0.8]
[1.1]
T
0.120
0.065
0.065
[3.5]
[1.7]
[1.7]
U
0.136
0.090
0.120
[3.5]
[2.3]
[3.1]
V
0.180
0.090
0.145
[4.6)
[2.3]
[3.7]
W
0.245
0.090
0.145
[8.3]
[2.3]
[3.7]
X
0.310
0.120
0.360
[7.9]
[3.0]
[9.2]
Y
0.310
0.120
0.360
[7.9]
[3.0]
[9.2]
250
200
150
100
50
TIME (SECONDS)
0
50
100
150
200
250
300
350
RECOMMENDED REFLOW SOLDERING PROFILE
10.0 Cleaning (Flux Removal) After Soldering: The
592D capacitors are compatible with all commonly
used solvents such as TES, TMS, Prelete, Chlorethane,
Terpene and aqueous cleaning media. Solvents
containing methylene chloride or other epoxy solvents
should be avoided since these will attack the epoxy
encapsulation material.
GUIDE TO APPLICATION (Continued)
A
B
B
C


Similar Part No. - 592D226X-025C2-20H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
592D226X_004A2_15H VISHAY-592D226X_004A2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D226X_004B2_15H VISHAY-592D226X_004B2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D226X_010A2_13H VISHAY-592D226X_010A2_13H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D226X_010B2_13H VISHAY-592D226X_010B2_13H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
592D226X_010B2_15H VISHAY-592D226X_010B2_15H Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
More results

Similar Description - 592D226X-025C2-20H

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
572D107X06R3S2T VISHAY-572D107X06R3S2T Datasheet
1,010Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 25-Jun-13
572D VISHAY-572D Datasheet
121Kb / 4P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Low Profile, Conformal Coated, Maximum CV
Revision: 15-May-06
595D226X06R3B2T VISHAY-595D226X06R3B2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D687X0010R2T VISHAY-595D687X0010R2T Datasheet
1Mb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 24-Jun-13
595D107X9016D2T VISHAY-595D107X9016D2T Datasheet
333Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 19-Aug-13
595D1061004A23 VISHAY-595D1061004A23 Datasheet
330Kb / 24P
   Solid Tantalum Chip Capacitors TANTAMOUNT, Conformal Coated, Maximum CV
Revision: 20-Jan-14
572D VISHAY-572D_08 Datasheet
143Kb / 5P
   Solid Tantalum Chip Capacitors TANTAMOUNT®, Low Profile, Conformal Coated, Maximum CV
Revision: 07-Jan-08
572D VISHAY-572D_17 Datasheet
931Kb / 20P
   Solid Tantalum Chip Capacitors TANTAMOUNT™, Low Profile, Conformal Coated, Maximum CV
Revision: 23-Nov-17
592D VISHAY-592D_08 Datasheet
142Kb / 9P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Low Profile, Conformal Coated, Maximum CV
Revision: 22-Aug-08
595D155X0050C2T VISHAY-595D155X0050C2T Datasheet
125Kb / 10P
   Solid Tantalum Chip Capacitors TANTAMOUNT® , Conformal Coated, Maximum CV
Revision: 08-Jan-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com