Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AER29-29-28CB Datasheet(PDF) 1 Page - CTS Corporation

Part # AER29-29-28CB
Description  Precision forging technology for high power applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

AER29-29-28CB Datasheet(HTML) 1 Page - CTS Corporation

  AER29-29-28CB Datasheet HTML 1Page - CTS Corporation AER29-29-28CB Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
7
CTS
®
DESIGN FEATURES
Precision forging technology for high power applications
Designed for BGA and other surface mount packages
V
arious mounting methods available
Select from multiple fin heights
Width
Length
Height
PRODUCT BENEFITS
No special tools needed for assembly
No additional holes required on the PCB
Special clip easily snaps on and self-aligns
SERIES APF LOW-PROFILE FORGED HEAT SINKS (ADHESIVE ATTACH ONLY)
Part Number
Fin Matrix
(Rows x Columns)
Length x Width x Height
(mm)
Thermal Resistance
(°C/Watt)
Pressure Drop
(inches of water)
NATURAL CONVECTION
FORCED
CONVECTION @ 200 LFPM
APF19-19-06CB
12 x 2
19 x 19 x 6.3
17.0
7.1
0.033
APF19-19-10CB
12 x 2
19 x 19 x 9.5
16.0
5.5
0.033
APF19-19-13CB
12 x 2
19 x 19 x 12.7
15.6
4.4
0.033
APF30-30-06CB
19 x 3
30 x 30 x 6.3
13.9
4.4
0.039
APF30-30-10CB
19 x 3
30 x 30 x 9.5
12.9
3.3
0.039
APF30-30-13CB
19 x 3
30 x 30 x 12.7
12.5
2.7
0.039
APF40-40-06CB
26 x 4
40 x 40 x 6.3
11.1
3.2
0.043
APF40-40-10CB
26 x 4
40 x 40 x 9.5
10.1
2.5
0.043
APF40-40-13CB
26 x 4
40 x 40 x 12.7
9.6
2.0
0.043
SERIES AER FORGED HEAT SINKS
Part Number
Fin Matrix
(Rows x Columns)
Length x Width x Height
(mm)
Thermal Resistance
(°C/Watt)
Pressure Drop
(inches of water)
NATURAL CONVECTION
FORCED
CONVECTION @ 200 LFPM
AER19-19-12CB
2 x 6
18.6 x 18.6 x 11.6
14.5
6.4
0.017
AER19-19-15CB
2 x 6
18.6 x 18.6 x 14.6
14.1
5.9
0.017
AER19-19-18CB
2 x 6
18.6 x 18.6 x 17.6
13.6
5.5
0.017
AER19-19-21CB
2 x 6
18.6 x 18.6 x 20.6
13.4
5.1
0.017
AER19-19-23CB
2 x 6
18.6 x 18.6 x 22.6
13.2
4.7
0.017
AER19-19-28CB
2 x 6
18.6 x 18.6 x 27.6
12.8
4.2
0.017
AER19-19-33CB
2 x 6
18.6 x 18.6 x 32.6
11.4
3.9
0.017
AER21-21-12CB
2 x 7
20.6 x 20.6 x 11.6
14.0
5.6
0.017
AER21-21-15CB
2 x 7
20.6 x 20.6 x 14.6
13.6
5.1
0.017
AER21-21-18CB
2 x 7
20.6 x 20.6 x 17.6
13.2
4.8
0.017
AER21-21-21CB
2 x 7
20.6 x 20.6 x 20.6
13.0
4.4
0.017
AER21-21-23CB
2 x 7
20.6 x 20.6 x 22.6
12.8
4.2
0.017
AER21-21-28CB
2 x 7
20.6 x 20.6 x 27.6
12.4
3.7
0.017
AER21-21-33CB
2 x 7
20.6 x 20.6 x 32.6
11.1
3.4
0.017
AER23-23-12CB
2 x 8
22.6 x 22.6 x 11.6
13.2
4.6
0.018
AER23-23-15CB
2 x 8
22.6 x 22.6 x 14.6
12.8
4.2
0.018
AER23-23-18CB
2 x 8
22.6 x 22.6 x 17.6
12.5
3.9
0.018
AER23-23-21CB
2 x 8
22.6 x 22.6 x 20.6
12.0
3.7
0.018
AER23-23-23CB
2 x 8
22.6 x 22.6 x 22.6
11.6
3.5
0.018
AER23-23-28CB
2 x 8
22.6 x 22.6 x 27.6
10.7
3.1
0.018
AER23-23-33CB
2 x 8
22.6 x 22.6 x 32.6
9.9
2.8
0.018
AER25-25-12CB
3 x 9
24.6 x 24.6 x 11.6
12.6
4.4
0.020
AER25-25-15CB
3 x 9
24.6 x 24.6 x 14.6
11.9
4.0
0.020
AER25-25-18CB
3 x 9
24.6 x 24.6 x 17.6
11.3
3.7
0.020
AER25-25-21CB
3 x 9
24.6 x 24.6 x 20.6
10.9
3.4
0.020
AER25-25-23CB
3 x 9
24.6 x 24.6 x 22.6
10.5
3.2
0.020
AER25-25-28CB
3 x 9
24.6 x 24.6 x 27.6
9.8
2.9
0.020
AER25-25-33CB
3 x 9
24.6 x 24.6 x 32.6
8.9
2.6
0.020
MATERIAL: 6063 Aluminum Alloy, Black Anodized


Similar Part No. - AER29-29-28CB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
AER29-29-28CB CTS-AER29-29-28CB Datasheet
169Kb / 4P
   AER Forged Heat Sinks
AER29-29-28CB/S CTS-AER29-29-28CB/S Datasheet
169Kb / 4P
   AER Forged Heat Sinks
More results

Similar Description - AER29-29-28CB

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-80 OHMITE-RES-80 Datasheet
336Kb / 2P
   Designed for precision power applications
logo
Vishay Siliconix
CSM2512S VISHAY-CSM2512S Datasheet
628Kb / 5P
   Technology High Precision, Current Sensing, Power Surface Mount
Revision: 3-May-11
logo
Infineon Technologies A...
TLV4968-1T INFINEON-TLV4968-1T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4964-5T INFINEON-TLV4964-5T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Switch for Consumer Applications
Revision 1.0, 2015-05-18
TLI4965-5M INFINEON-TLI4965-5M_16 Datasheet
673Kb / 17P
   High Precision Hall Effect Switch for 5V Applications
Revision 1.0, 2016-01-11
TLI4963-1M INFINEON-TLI4963-1M_16 Datasheet
673Kb / 17P
   High Precision Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-11
TLV4961-1T INFINEON-TLV4961-1T_15 Datasheet
719Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-19
TLI4963-2M INFINEON-TLI4963-2M_16 Datasheet
672Kb / 17P
   High Precision Hall Effect Latch for 5V Applications
Revision 1.0, 2016-01-11
TLV4964-4T INFINEON-TLV4964-4T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Switch for Consumer Applications
Revision 1.0, 2015-05-18
TLV4961-3T INFINEON-TLV4961-3T_15 Datasheet
723Kb / 19P
   High Precision Hall Effect Latch for Consumer Applications
Revision 1.0, 2015-05-18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com