Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS286NE4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS286NE4
Description  9-BIT PARITY GENERATORS/CHECKERS WITH BUS-DRIVER PARITY I/O PORT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS286NE4 Datasheet(HTML) 4 Page - Texas Instruments

  SN74AS286NE4 Datasheet HTML 1Page - Texas Instruments SN74AS286NE4 Datasheet HTML 2Page - Texas Instruments SN74AS286NE4 Datasheet HTML 3Page - Texas Instruments SN74AS286NE4 Datasheet HTML 4Page - Texas Instruments SN74AS286NE4 Datasheet HTML 5Page - Texas Instruments SN74AS286NE4 Datasheet HTML 6Page - Texas Instruments SN74AS286NE4 Datasheet HTML 7Page - Texas Instruments SN74AS286NE4 Datasheet HTML 8Page - Texas Instruments SN74AS286NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN54AS286, SN74AS286
9BIT PARITY GENERATORS/CHECKERS
WITH BUSDRIVER PARITY I/O PORT
SDAS050B − DECEMBER 1983 − REVISED DECEMBER 1994
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics (see Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
,
R2 = 500
,
TA = MIN to MAX†
UNIT
(INPUT)
(OUTPUT)
SN54AS286
SN74AS286
MIN
MAX
MIN
MAX
tPLH
Any A − I
PARITY I/O
3
17
3
15
ns
tPHL
Any A − I
PARITY I/O
3
15
3
14
ns
tPLH
Any A − I
PARITY ERROR
3
20
3
16.5
ns
tPHL
Any A − I
PARITY ERROR
3
18
3
16.5
ns
tPLH
PARITY I/O
PARITY ERROR
3
10
3
9
ns
tPHL
PARITY I/O
PARITY ERROR
3
10
3
9
ns
tPZH
XMIT
PARITY I/O
3
14
3
13
ns
tPZL
XMIT
PARITY I/O
3
17
3
16
ns
tPHZ
XMIT
PARITY I/O
3
13
3
11.5
ns
tPLZ
XMIT
PARITY I/O
3
11
3
10
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.


Similar Part No. - SN74AS286NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS286N TI-SN74AS286N Datasheet
125Kb / 8P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS WITH BUS-DRIVER PARITY I/O PORT
More results

Similar Description - SN74AS286NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS286 TI-SN54AS286 Datasheet
125Kb / 8P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS WITH BUS-DRIVER PARITY I/O PORT
logo
National Semiconductor ...
DM54180 NSC-DM54180 Datasheet
107Kb / 6P
   9-Bit Parity Generators/Checkers
logo
Aeroflex Circuit Techno...
UT54ACS280 AEROFLEX-UT54ACS280 Datasheet
258Kb / 10P
   9-Bit Parity Generators/Checkers
logo
Texas Instruments
SN54F280B TI-SN54F280B Datasheet
77Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
74ACT11280 TI1-74ACT11280 Datasheet
99Kb / 5P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN54F280B TI1-SN54F280B_12 Datasheet
409Kb / 7P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
SN74ALS280 TI-SN74ALS280 Datasheet
114Kb / 12P
[Old version datasheet]   9-BIT PARITY GENERATORS/CHECKERS
logo
Fairchild Semiconductor
DM74AS286 FAIRCHILD-DM74AS286 Datasheet
64Kb / 7P
   9-Bit Parity Generator/Checker with Bus-Driver Parity I/O Port
logo
Texas Instruments
SN74180J TI1-SN74180J Datasheet
331Kb / 8P
[Old version datasheet]   9-BIT ODD/EVEN PARITY GENERATORS/CHECKERS
SN54HC280 TI-SN54HC280 Datasheet
89Kb / 4P
[Old version datasheet]   9 BIT ODD /EVEN PARITY GENERATORS/CHECKERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com