Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLYZ022 Datasheet(PDF) 5 Page - Texas Instruments

Part # SLYZ022
Description  SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLYZ022 Datasheet(HTML) 5 Page - Texas Instruments

  SLYZ022 Datasheet HTML 1Page - Texas Instruments SLYZ022 Datasheet HTML 2Page - Texas Instruments SLYZ022 Datasheet HTML 3Page - Texas Instruments SLYZ022 Datasheet HTML 4Page - Texas Instruments SLYZ022 Datasheet HTML 5Page - Texas Instruments SLYZ022 Datasheet HTML 6Page - Texas Instruments SLYZ022 Datasheet HTML 7Page - Texas Instruments SLYZ022 Datasheet HTML 8Page - Texas Instruments SLYZ022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
SN54AHC245, SN74AHC245
www.ti.com
SCLS230J – OCTOBER 1995 – REVISED JULY 2014
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
SN54AHC245
SN74AHC245
UNIT
MIN
MAX
MIN
MAX
VCC
Supply voltage
2
5.5
2
5.5
V
VCC = 2 V
1.5
1.5
VIH
High-level input voltage
VCC = 3 V
2.1
2.1
V
VCC = 5.5 V
3.85
3.85
VCC = 2 V
0.5
0.5
VIL
Low-level input voltage
VCC = 3 V
0.9
0.9
V
VCC = 5.5 V
1.65
1.65
VI
Input voltage
OE or DIR
0
5.5
0
5.5
V
VO
Output voltage
A or B
0
VCC
0
VCC
V
VCC = 2 V
–50
–50
µA
IOH
High-level output current
VCC = 3.3 V ± 0.3 V
–4
–4
mA
VCC = 5 V ± 0.5 V
–8
–8
VCC = 2 V
50
50
µA
IOL
Low-level output current
VCC = 3.3 V ± 0.3 V
4
4
mA
VCC = 5 V ± 0.5 V
8
8
VCC = 3.3 V ± 0.3 V
100
100
∆t/∆v
Input transition rise or fall rate
ns/V
VCC = 5 V ± 0.5 V
20
20
TA
Operating free-air temperature
–55
125
–40
125
°C
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs (SCBA004).
7.4 Thermal Information
DB
DGV
DW
N
NS
PW
RGY
THERMAL METRIC(1)
UNIT
20 PINS
RθJA
Junction-to-ambient thermal resistance
96.0
116.1
79.8
51.5
77.1
102.8
35.1
RθJC(top)
Junction-to-case (top) thermal resistance
57.7
31.3
45.8
38.2
43.6
36.8
43.3
RθJB
Junction-to-board thermal resistance
51.2
57.6
47.4
32.4
44.6
53.8
12.9
ψJT
Junction-to-top characterization parameter
19.4
1.0
18.5
24.6
17.2
2.5
0.9
°C/W
Junction-to-board characterization
ψJB
50.8
56.9
47.0
32.3
44.2
53.3
12.9
parameter
Junction-to-case (bottom) thermal
RθJC(bot)
n/a
n/a
n/a
n/a
n/a
n/a
7.9
resistance
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report (SPRA953).
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: SN54AHC245 SN74AHC245


Similar Part No. - SLYZ022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 27P
[Old version datasheet]   MAX3232 3-V to 5.5-V Multichannel RS-232 Line Driver/Receiver
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 26P
[Old version datasheet]   SN74LVCH16652A 16-Bit Bus Transceiver and Register with 3-State Outputs
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 36P
[Old version datasheet]   xx555 Precision Timers
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 24P
[Old version datasheet]   SN74LVCZ244A Octal Buffer/Driver With 3-State Outputs
SLYZ022 TI1-SLYZ022 Datasheet
1Mb / 31P
[Old version datasheet]   SNx4AHC244 Octal Buffers/Drivers With 3-State Outputs
More results

Similar Description - SLYZ022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC245 TI-SN54AHC245_V03 Datasheet
3Mb / 39P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SN54AHC245 TI-SN54AHC245_V02 Datasheet
3Mb / 39P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED APRIL 2023
SN54AHC245 TI-SN54AHC245_V01 Datasheet
2Mb / 36P
[Old version datasheet]   SNx4AHC245 Octal Bus Transceivers With 3-State Outputs
REVISED DECEMBER 2022
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com