Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT94K10AL-25AQC Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT94K10AL-25AQC
Description  5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT94K10AL-25AQC Datasheet(HTML) 3 Page - ATMEL Corporation

  AT94K10AL-25AQC Datasheet HTML 1Page - ATMEL Corporation AT94K10AL-25AQC Datasheet HTML 2Page - ATMEL Corporation AT94K10AL-25AQC Datasheet HTML 3Page - ATMEL Corporation AT94K10AL-25AQC Datasheet HTML 4Page - ATMEL Corporation AT94K10AL-25AQC Datasheet HTML 5Page - ATMEL Corporation AT94K10AL-25AQC Datasheet HTML 6Page - ATMEL Corporation AT94K10AL-25AQC Datasheet HTML 7Page - ATMEL Corporation AT94K10AL-25AQC Datasheet HTML 8Page - ATMEL Corporation AT94K10AL-25AQC Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 192 page
background image
3
AT94K Series FPSLIC
Rev. 1138F–FPSLI–06/02
Figure 1. FPSLIC Device Date Code with JTAG ICE Support
The AT94K series architecture is shown in Figure 2.
Figure 2. AT94K Series Architecture
AT94K40AL-25DQC
0H1230
4201J
Date Code
"J" indicates JTAG ICE support
®
5 - 40K Gates FPGA
Up to
16K x 8
Data
SRAM
Up to 16K x 16
Program
SRAM Memory
PROGRAMMABLE I/O
with
Multiply
Two 8-bit
Timer/Counters
16 Prog. I/O
Lines
I/O
I/O
I/O
2-wire Serial
Unit
Up to 16
Addr Decoder
4 Interrupt Lines
JTAG ICE


Similar Part No. - AT94K10AL-25AQC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT94K10AL ATMEL-AT94K10AL Datasheet
221Kb / 1P
   FPSLIC is ALL About Time To Market
AT94K10AL ATMEL-AT94K10AL Datasheet
507Kb / 13P
   Programmable System Level Integration Prototyping System
More results

Similar Description - AT94K10AL-25AQC

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT94KAL ATMEL-AT94KAL Datasheet
170Kb / 5P
   5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36K Bytes of SRAM and On-chip JTAG ICE
AT94S ATMEL-AT94S_05 Datasheet
688Kb / 32P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT945 ATMEL-AT945 Datasheet
268Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller,up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
AT94S ATMEL-AT94S Datasheet
284Kb / 31P
   Secure 5K - 40K Gates of AT40K FPGA with 8-bit Microcontroller, up to 36 Kbytes of SRAM and On-chip Program Storage EEPROM
ATTINY28L ATMEL-ATTINY28L_06 Datasheet
176Kb / 13P
   8-bit Microcontroller with 2K Bytes of Flash
ATMEGA406_0607 ATMEL-ATMEGA406_0607 Datasheet
2Mb / 263P
   8-bit Microcontroller with 40K Bytes In-System Programmable Flash
ATMEGA406 ATMEL-ATMEGA406_06 Datasheet
359Kb / 28P
   8-bit Microcontroller with 40K Bytes In-System Programmable Flash
AT40K05 ATMEL-AT40K05_14 Datasheet
1Mb / 55P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
AT40K05 ATMEL-AT40K05 Datasheet
1Mb / 67P
   5K - 50K Gates Coprocessor FPGA with FreeRAM
AT40K10AL ATMEL-AT40K10AL_14 Datasheet
126Kb / 4P
   5K ??50K Gates Coprocessor FPGA with FreeRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com