Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA3641N Datasheet(PDF) 8 Page - Fuji Electric

Part # FA3641N
Description  PWM control IC with light load power saving function For Switching Power Supply Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA3641N Datasheet(HTML) 8 Page - Fuji Electric

Back Button FA3641N Datasheet HTML 4Page - Fuji Electric FA3641N Datasheet HTML 5Page - Fuji Electric FA3641N Datasheet HTML 6Page - Fuji Electric FA3641N Datasheet HTML 7Page - Fuji Electric FA3641N Datasheet HTML 8Page - Fuji Electric FA3641N Datasheet HTML 9Page - Fuji Electric FA3641N Datasheet HTML 10Page - Fuji Electric FA3641N Datasheet HTML 11Page - Fuji Electric FA3641N Datasheet HTML 12Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
FA3641P(N), FA3647P(N)
65
Fig. 1 Oscillator
Fig. 2 Oscillator output
Fig. 3 Oscillation frequency
s Description of each circuit
1. Oscillator
The oscillator generates a triangular waveform by charging and
discharging the built-in capacitor. A desired oscillation
frequency can be set by the value of the resistor connected to
the RT pin (See Figure 1).
The built-in capacitor voltage oscillates between about 3V and
1V, with almost the same charging and discharging gradients
(Figure 2). You can set the desired oscillation frequency by
changing the gradients using the resistor connected to the RT
pin. (Large Rt = low frequency, small Rt = high frequency) The
oscillation frequency is automatically lowered when output duty
cycle is small (FB
about 1.18V) in light load mode. For more
information, see item 2, “Reducing oscillation frequency circuit
in light-load mode.”
The relationship between Rt and the fixed oscillation frequency
is approximately given by:
..................................................... (1)
.......................................... (2)
fO: Fixed frequency [kHz]
Rt: Timing resistance [k
Ω]
The oscillator waveform cannot be observed from the
outside because a pin for this purpose is not provided.
The oscillator output is connected to a PWM comparator.
The RT pin is 2.5V DC in normal fixed frequency operation
mode. When the frequency is lowered, the voltage also
decreases linearly to about 1V.
2. Reducing oscillation frequency circuit in light-load mode
To reduce the loss of the power supply in standby mode, this
IC has a feature that automatically lowers the oscillation
frequency when the load is light. When the load is light, with
the result that the IC output pulse width narrows below about
10% and the FB pin voltage decreases below about 1.18V,
the oscillation frequency begins to decreases linearly until
the output pulse width becomes 0. When the output pulse
width is 0, the oscillation frequency is about 46% of normal
fixed frequency (Figure 3). Even while the oscillation
frequency is decreasing, the built-in capacitor voltage
oscillates between about 3V and 1V.
The frequency reduction rate (46%) can be adjusted from
the outside. (See “Design advice” for more information.)
3. PWM comparator
The PWM comparator has four inputs as shown in Figure 4.
Oscillator output
is compared with CS pin voltage
, FB
pin voltage
, and DT voltage
. The lowest of three inputs
,
, and
has priority and is compared with output
.
While the voltage is lower than the oscillator output, the
comparator output is high. While the voltage is higher than
the oscillator output, the PWM comparator output is low (see
Figure 5). The IC OUT pin voltage is high while the PWM
comparator output is low.
When the IC is powered up, CS pin voltage
controls soft
start operation. The output pulse then begins to widen
gradually. During normal operation, the output pulse width is
determined within the maximum duty cycle (70%) set by DT
voltage
under the condition set by FB pin voltage
, to
stabilize the output voltage.
Fig. 4 PWM comparator
Fig. 5 PWM comparator timing chart
Rt [k
Ω]
4880
– 1.4
f0
f0 [kHz]
4880
Rt + 1.4


Similar Part No. - FA3641N

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA3641N FUJI-FA3641N Datasheet
1,014Kb / 24P
   PUJI Power Supply Controllc
More results

Similar Description - FA3641N

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7631 NJRC-NJU7631 Datasheet
168Kb / 9P
   Step-Down Switching Regulator IC with Power Saving PWM/PFM control
logo
Fuji Electric
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
logo
Fuji Electric
FA13842 FUJI-FA13842 Datasheet
151Kb / 15P
   CMOS IC(For Switching Power Supply Control)
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com