Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE5218 Datasheet(PDF) 2 Page - Seaward Electronics Inc.

Part # SE5218
Description  500mA CMOS LDO Voltage Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5218 Datasheet(HTML) 2 Page - Seaward Electronics Inc.

  SE5218_16 Datasheet HTML 1Page - Seaward Electronics Inc. SE5218_16 Datasheet HTML 2Page - Seaward Electronics Inc. SE5218_16 Datasheet HTML 3Page - Seaward Electronics Inc. SE5218_16 Datasheet HTML 4Page - Seaward Electronics Inc. SE5218_16 Datasheet HTML 5Page - Seaward Electronics Inc. SE5218_16 Datasheet HTML 6Page - Seaward Electronics Inc. SE5218_16 Datasheet HTML 7Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Revision
4/19/2016
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2005. • www.seawardinc.com • Page 2
500mA CMOS LDO Voltage Regulator
(Preliminary)
SE5218
Absolute Maximum Rating
(1)
Parameter
Symbol
Value
Units
Input Voltage
VIN
6
V
Enable Voltage
VEN
-0.3 to VIN
V
Power Dissipation
PD
Internally Limited
(3)
Output Short Circuit Duration
Infinite
Thermal Resistance, Junction-to-Ambient
Θ
JA
230 (SOT-23-5L)
°C/W
Lead Temperature (Soldering, 5 sec.)
260
°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TS
-40 to +150
°C
Operating Rating
(2)
Parameter
Symbol
Value
Units
Supply Input Voltage
VIN
+2.8V to +5.5
V
Junction Temperature
TJ
0 to +125
°C
Ordering/Marking Information
Package
Ordering Information
Marking Information
3.3V
SE5218ALG-LF
218Alz
Starting with 5, a bar on top of 5 is
for
production
year
2001,
and
underlined 5 is for year 2002. The
next character is marked on top for
2003, and underlined for 2004. The
naming
pattern
continues
with
consecutive characters for later years.
The last character is the week code.
(
A-Z: 1-26, a-z: 27-52)
A dot on top right corner is for
lead-free process.
2.8V
SE5218BLG-LF
218BLz
2.5V
SE5218CLG-LF
218CLz
1.8V
SE5218DLG-LF
218DLz
1.5V
SE5218ELG-LF
218ELz
3.0V
SE5218FLG-LF
218FLz
1.2V
SE5218GLG-LF
218GLz


Similar Part No. - SE5218_16

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5218ALG-LF SEAWARD-SE5218ALG-LF Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
SE5218BLG-LF SEAWARD-SE5218BLG-LF Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
SE5218CLG-LF SEAWARD-SE5218CLG-LF Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
SE5218DLG-LF SEAWARD-SE5218DLG-LF Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
SE5218ELG-LF SEAWARD-SE5218ELG-LF Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
More results

Similar Description - SE5218_16

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5218 SEAWARD-SE5218 Datasheet
181Kb / 7P
   500mA CMOS LDO Voltage Regulator
logo
List of Unclassifed Man...
GS2905 ETC1-GS2905 Datasheet
84Kb / 9P
   500mA CMOS LDO Voltage Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219_08 Datasheet
282Kb / 10P
   500mA CMOS LDO Regulator
logo
List of Unclassifed Man...
CYT6118 ETC2-CYT6118 Datasheet
1Mb / 6P
   500mA CMOS LDO Regulator
logo
Catalyst Semiconductor
CAT6219 CATALYST-CAT6219 Datasheet
297Kb / 10P
   500mA CMOS LDO Regulator
logo
Rohm
BU12TH5WNVX-1 ROHM-BU12TH5WNVX-1 Datasheet
2Mb / 24P
   FULL CMOS LDO Regulator (500mA)
logo
Seaward Electronics Inc...
SE5119 SEAWARD-SE5119 Datasheet
192Kb / 6P
   500mA CMOS LDO Linear Regulator
logo
AiT Semiconductor Inc.
A6501 AITSEMI-A6501 Datasheet
664Kb / 10P
   CMOS LOW DROPOUT REGULATOR(LDO) 500mA LOW DROPOUT CMOS VOLTAGE REGULATOR
REV4.2
logo
Analog Microelectronics
AME8753 AME-AME8753 Datasheet
220Kb / 11P
   Low Dropout 500mA / 500mA Dual CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com