Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA3647N Datasheet(PDF) 7 Page - Fuji Electric

Part # FA3647N
Description  PWM control IC with light load power saving function For Switching Power Supply Control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

FA3647N Datasheet(HTML) 7 Page - Fuji Electric

Back Button FA3647N Datasheet HTML 3Page - Fuji Electric FA3647N Datasheet HTML 4Page - Fuji Electric FA3647N Datasheet HTML 5Page - Fuji Electric FA3647N Datasheet HTML 6Page - Fuji Electric FA3647N Datasheet HTML 7Page - Fuji Electric FA3647N Datasheet HTML 8Page - Fuji Electric FA3647N Datasheet HTML 9Page - Fuji Electric FA3647N Datasheet HTML 10Page - Fuji Electric FA3647N Datasheet HTML 11Page - Fuji Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
FA3641P(N), FA3647P(N)
64
CS terminal current (Ics) vs. CS terminal voltage (Vcs)
CS terminal current (Ics) vs. CS terminal voltage (Vcs)
CS terminal charge current (Ichg) vs.
FB terminal source current (IFB) vs.
junction temperature (Tj)
FB terminal voltag (VFB)
IS (+) terminal current (IIS (+)) vs.
IS (–) terminal current (IIS (–)) vs.
IS (+) terminal voltage (VIS (+))
IS (–) terminal voltage (VIS (–))
FA3641
FA3647
FB = Open
2
0
4
6
–5
0
5
10
15
–10
Vcs [V]
8
20
10
12
FB = OV
2
0
4
6
0
10
20
30
40
–10
Vcs [V]
8
50
10
12
0
–50
50
100
–9
–8
–7
–6
–5
–10
Tj [
°C]
150
Vcc =18V
CS = 0V
1
0
2
3
–700
–600
–500
–400
–300
–800
VFB [V]
4
–200
5
–100
0
0.5
0
1
1.5
–0.3
–0.2
–0.1
0
–0.4
VIS (+) [V]
2
2.5
3
0
–0.5
1
0.5
1.5
–20
–15
–10
–5
0
–25
VIS (–) [V]
2
5
2.5
3


Similar Part No. - FA3647N

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
FA3647N FUJI-FA3647N Datasheet
1,014Kb / 24P
   PUJI Power Supply Controllc
More results

Similar Description - FA3647N

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU7631 NJRC-NJU7631 Datasheet
168Kb / 9P
   Step-Down Switching Regulator IC with Power Saving PWM/PFM control
logo
Fuji Electric
FA5546 FUJI-FA5546 Datasheet
667Kb / 27P
   Switching Power Supply Control IC
FA5301BP FUJI-FA5301BP Datasheet
64Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7611CP FUJI-FA7611CP Datasheet
73Kb / 6P
   Bipolar IC For Switching Power Supply Control
logo
List of Unclassifed Man...
FA551 ETC1-FA551 Datasheet
259Kb / 22P
   CMOS IC For Switching Power Supply Control
logo
Fuji Electric
FA13842 FUJI-FA13842 Datasheet
151Kb / 15P
   CMOS IC(For Switching Power Supply Control)
FA7613CP FUJI-FA7613CP Datasheet
55Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7622CP FUJI-FA7622CP Datasheet
67Kb / 8P
   Bipolar IC For Switching Power Supply Control
FA7630CP FUJI-FA7630CP Datasheet
61Kb / 5P
   Bipolar IC For Switching Power Supply Control
FA7616CP FUJI-FA7616CP Datasheet
72Kb / 5P
   Bipolar IC For Switching Power Supply Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com