Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE5167AHG-LF Datasheet(PDF) 3 Page - Seaward Electronics Inc.

Part # SE5167AHG-LF
Description  300mA CMOS LDO Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE5167AHG-LF Datasheet(HTML) 3 Page - Seaward Electronics Inc.

  SE5167AHG-LF Datasheet HTML 1Page - Seaward Electronics Inc. SE5167AHG-LF Datasheet HTML 2Page - Seaward Electronics Inc. SE5167AHG-LF Datasheet HTML 3Page - Seaward Electronics Inc. SE5167AHG-LF Datasheet HTML 4Page - Seaward Electronics Inc. SE5167AHG-LF Datasheet HTML 5Page - Seaward Electronics Inc. SE5167AHG-LF Datasheet HTML 6Page - Seaward Electronics Inc. SE5167AHG-LF Datasheet HTML 7Page - Seaward Electronics Inc. SE5167AHG-LF Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Revision 1/4/2010
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2006. • www.seawardinc.com.cn • Page 3
Absolute Maximum Ratings
(1)
Supply Input Voltage (VIN) ..……...……………....+6V
Power Dissipation (PD) ……….. Internally Limited
(3)
Junction Temperature (TJ) …….….... 0°C to +125°C
Lead Temperature (soldering, 5 sec.) …....…. 260°C
Storage Temperature (TS) ……….. -40°C to +150°C
Operating Ratings
(2)
Supply Input Voltage (VIN) ……...….. +2.8V to +6V
Junction Temperature (TJ) …….….. 0°C to +125°C
Package Thermal Resistance
160°C/W (TO-92)
250°C/W (SOT-23-3L)
Electrical Characteristics
VIN = 5V; CIN = 2.2µF; COUT = 2.2µFElectrolytic capacitor; IOUT = 10mA; TJ = 25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOUT
Output Voltage
Accuracy
SE5167 – 1.5V(VIN=1.8V,IOUT=1mA)
SE5167 – 1.8V(VIN=3.3V,IOUT=10mA)
SE5167-2.5V
SE5167-2.8V
SE5167-3.0V
SE5167-3.3V
1.470
1.764
2.450
2.744
2.940
3.234
1.5
1.8
2.5
2.8
3.0
3.3
1.530
1.836
2.550
2.856
3.060
3.366
V
∆VOUT /∆T
Output Voltage
Temperature
Coefficient
Note 4
--
0.025
--
mV/
∆VOUT / VOUT
Line Regulation
VIN = (VOUT+0.8)V or 2.5V to 5.5V
--
1.0
--
%/V
∆VOUT / VOUT
Load Regulation
(5)
VIN = (VOUT+0.8)V or 2.5V
IOUT =1mA to 300mA
--
0.003
--
%/mA
IOUT =10mA
--
15
--
IOUT =150mA
--
175
--
VIN - VOUT
Dropout Voltage
(6)
IOUT =300mA
--
380
--
mV
Thermal Protection Temperature
--
150
--
TPROTECTION
Thermal Protection
Protection Hysterisys
--
20
--
PSRR
Ripple Rejection
f =120Hz
--
59
--
dB
IGROUND
Ground Current
IOUT =10mA
--
65
--
uA
ILIMIT
Current Limit
VOUT =0V
--
600
--
mA


Similar Part No. - SE5167AHG-LF

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE5167ALG-LF SEAWARD-SE5167ALG-LF Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
SE5167ALN-LF SEAWARD-SE5167ALN-LF Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
More results

Similar Description - SE5167AHG-LF

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
ELM89 ELM-TECH-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Electronics
ELM89 ELM-ELM89 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM89-SERIES ELM-TECH-ELM89-SERIES Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
ELM88121AA-S ELM-TECH-ELM88121AA-S Datasheet
204Kb / 21P
   CMOS 300mA LDO Voltage regulator
logo
Seaward Electronics Inc...
SE5167 SEAWARD-SE5167 Datasheet
297Kb / 8P
   300mA CMOS LDO Voltage Regulator
logo
ELM Electronics
ELM88 ELM-ELM88 Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
logo
ELM Technology Corporat...
ELM88-SERIES ELM-TECH-ELM88-SERIES Datasheet
1Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM88 ELM-TECH-ELM88 Datasheet
2Mb / 21P
   CMOS 300mA LDO Voltage regulator
ELM89121BC-S ELM-TECH-ELM89121BC-S_1 Datasheet
1Mb / 20P
   CMOS 300mA LDO Voltage regulator
logo
List of Unclassifed Man...
GS2911 ETC1-GS2911 Datasheet
338Kb / 11P
   300mA CMOS Positive LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com