Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54ALS133J Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN54ALS133J
Description  Package Options Include Plastic
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54ALS133J Datasheet(HTML) 2 Page - Texas Instruments

  SN54ALS133J Datasheet HTML 1Page - Texas Instruments SN54ALS133J Datasheet HTML 2Page - Texas Instruments SN54ALS133J Datasheet HTML 3Page - Texas Instruments SN54ALS133J Datasheet HTML 4Page - Texas Instruments SN54ALS133J Datasheet HTML 5Page - Texas Instruments SN54ALS133J Datasheet HTML 6Page - Texas Instruments SN54ALS133J Datasheet HTML 7Page - Texas Instruments SN54ALS133J Datasheet HTML 8Page - Texas Instruments SN54ALS133J Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN54ALS133, SN74ALS133
13-INPUT POSITIVE-NAND GATES
SDAS202B – APRIL 1982 – REVISED DECEMBER 1994
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54ALS133
– 55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS133
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
– 65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
SN54ALS133
SN74ALS133
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low level input voltage
0.8‡
0.8
V
VIL
Low-level input voltage
0.7§
V
IOH
High-level output current
– 0.4
– 0.4
mA
IOL
Low-level output current
4
8
mA
TA
Operating free-air temperature
–55
125
0
70
°C
‡ Applies over temperature range – 55
°C to 70°C
§ Applies over temperature range 70
°C to 125°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALS133
SN74ALS133
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP¶
MAX
MIN
TYP¶
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.5
V
VOH
VCC = 4.5 V to 5.5 V,
IOH = – 0.4 mA
VCC –2
VCC –2
V
VOL
VCC =4 5V
IOL = 4 mA
0.25
0.5
0.25
0.4
V
VOL
VCC = 4.5 V
IOL = 8 mA
0.35
0.5
V
II
VCC = 5.5 V,
VI = 7 V
0.1
0.1
mA
IIH
VCC = 5.5 V,
VI = 2.7 V
20
20
µA
IIL
VCC = 5.5 V,
VI = 0.4 V
– 0.1
– 0.1
mA
IO#
VCC = 5.5 V,
VO = 2.25 V
–20
–112
–30
–112
mA
ICCH
VCC = 5.5 V,
VI = 0
0.24
0.34
0.24
0.34
mA
ICCL
VCC = 5.5 V,
VI = 4.5 V
0.56
0.8
0.56
0.08
mA
¶ All typical values are at VCC = 5 V, TA = 25°C.
# The output conditions have been chosen to produce a current that closely approximates one half of the true short-circuit output current, IOS.


Similar Part No. - SN54ALS133J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS133J TI-SN54ALS133J Datasheet
79Kb / 5P
[Old version datasheet]   13-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN54ALS133J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS04B TI1-SN54ALS04B_14 Datasheet
1Mb / 20P
[Old version datasheet]   Package Options Include Plastic
SN54ALS32 TI1-SN54ALS32_15 Datasheet
1Mb / 18P
[Old version datasheet]   Package Options Include Plastic
logo
Xilinx, Inc
DS310 XILINX-DS310 Datasheet
315Kb / 14P
   Available in multiple package options
logo
DB Lectro Inc
WH2002D DBLECTRO-WH2002D Datasheet
684Kb / 2P
   5x8 dots include cursor
logo
Abracon Corporation
ASDM1-100.000MHZ-LC-T ABRACON-ASDM1-100.000MHZ-LC-T Datasheet
2Mb / 3P
   ULTRA MINIATURE PLASTIC PACKAGE ULTRA MINIATURE PLASTIC PACKAGE
07.21.11
logo
Integrated Device Techn...
89HPEB383 IDT-89HPEB383 Datasheet
3Mb / 264P
   Topics discussed include the following
logo
KODENSHI_AUK CORP.
EL321 KODENSHI-EL321 Datasheet
141Kb / 3P
   Plastic mold package
logo
MMD Components
KSAC1 MMD-KSAC1 Datasheet
99Kb / 1P
   Plastic SMD Package
logo
Newhaven Display Intern...
FCISFV20R-1STE1LF NEWHAVEN-FCISFV20R-1STE1LF Datasheet
743Kb / 9P
   Plastic Tape Package
FCISFV21R-1STE1LF NEWHAVEN-FCISFV21R-1STE1LF Datasheet
743Kb / 9P
   Plastic Tape package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com