Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1814C Datasheet(PDF) 7 Page - Dallas Semiconductor

Part # DS1814C
Description  5V and 3.3V MicroMonitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1814C Datasheet(HTML) 7 Page - Dallas Semiconductor

  DS1814C Datasheet HTML 1Page - Dallas Semiconductor DS1814C Datasheet HTML 2Page - Dallas Semiconductor DS1814C Datasheet HTML 3Page - Dallas Semiconductor DS1814C Datasheet HTML 4Page - Dallas Semiconductor DS1814C Datasheet HTML 5Page - Dallas Semiconductor DS1814C Datasheet HTML 6Page - Dallas Semiconductor DS1814C Datasheet HTML 7Page - Dallas Semiconductor DS1814C Datasheet HTML 8Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
DS1814/DS1819
7 of 8
AC ELECTRICAL CHARACTERISTICS
(-40
°C to +85°C; VCC = 1.2V to 5.5V)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
PBRST
= VIL
tPB
1
ms
7
Reset Active Time
tRST
140
200
280
ms
ST
Pulse Width
tST
50
ns
8
Watchdog Time-out
tTD
1.12
1.60
2.40
s
VCC Detect to RST and RST
tRPD
30
40
ms
9
VCC Slew Rate (rising edge)
12.5
V/
ms
VCC Detect to RST and RST
tRPU
140
200
280
ms
PBRST
Stable Low to RST and RST
tPDLY
500
ns
CAPACITANCE
(t
A = 25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS NOTES
Input Capacitance
CIN
5pF
Output Capacitance
COUT
7pF
NOTES:
1) All voltages are referenced to ground.
2) PBRST is internally pulled up to VCC with an internal impedance of 50k
W typical.
3) Measured with VCC
³ 2.7V.
4) Measured with outputs open, VCC
£ 5.5V, and all inputs at VCC or Ground, except the ST input at
<10kHz duty cycle-square wave or ST input open.
5) Measured with outputs open, VCC
£ 3.6V, and all inputs at VCC or Ground, except the ST input at
<10kHz duty cycle-square wave or ST input open.
6) The ST input current is defined as the average input current when ST is driven high or low. This input
must be driven high or low by an output that can source or sink at least 200
mA when active.
7) Noise immunity: pulses <100ns at pushbutton input will not cause a reset.
8) Must not exceed tTD minimum.
9) Noise immunity: pulses <2
ms at VCCTP minimum will not cause a reset and VCCTP - VCC = 100mV.


Similar Part No. - DS1814C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1814 MAXIM-DS1814 Datasheet
152Kb / 8P
   5V and 3.3V MicroMonitor
122001
More results

Similar Description - DS1814C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1814 MAXIM-DS1814 Datasheet
152Kb / 8P
   5V and 3.3V MicroMonitor
122001
DS1705 MAXIM-DS1705 Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
DS1706SESA MAXIM-DS1706SESA Datasheet
269Kb / 12P
   3.3V and 5.0V MicroMonitor
Rev 4/10
DS1831C MAXIM-DS1831C Datasheet
197Kb / 15P
   3.3V/2.5V Multisupply MicroMonitor
060303
logo
Dallas Semiconductor
DS1831C DALLAS-DS1831C Datasheet
76Kb / 14P
   3.3V/2.5V Multi-Supply MicroMonitor
logo
Micrel Semiconductor
SY10EP05V MICREL-SY10EP05V_05 Datasheet
116Kb / 7P
   5V/3.3V DIFFERENTIAL AND/NAND
SY10EP05V MICREL-SY10EP05V Datasheet
81Kb / 6P
   5V/3.3V DIFFERENTIAL AND/NAND
logo
Murata Power Solutions ...
BWR33W MURATA-PS-BWR33W Datasheet
259Kb / 12P
   Regulated 3.3V and 5V outputs
logo
Maxim Integrated Produc...
DS1707 MAXIM-DS1707 Datasheet
182Kb / 10P
   3.3 and 5.0-Volt MicroMonitor
041305
logo
Integral Corp.
IN1232 INTEGRAL-IN1232 Datasheet
122Kb / 6P
   MICROMONITOR CHIP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com