Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74F138D Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74F138D
Description  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F138D Datasheet(HTML) 5 Page - Texas Instruments

  SN74F138D Datasheet HTML 1Page - Texas Instruments SN74F138D Datasheet HTML 2Page - Texas Instruments SN74F138D Datasheet HTML 3Page - Texas Instruments SN74F138D Datasheet HTML 4Page - Texas Instruments SN74F138D Datasheet HTML 5Page - Texas Instruments SN74F138D Datasheet HTML 6Page - Texas Instruments SN74F138D Datasheet HTML 7Page - Texas Instruments SN74F138D Datasheet HTML 8Page - Texas Instruments SN74F138D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SN54F138, SN74F138
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SDFS051B – MARCH 1987 – REVISED JULY 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics (see Note 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 PF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V TO 5.5 V,
CL = 50 PF,
RL = 500 Ω,
TA = MIN TO MAX†
UNIT
(INPUT)
(OUTPUT)
′F138
SN54F138
SN74F138
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
ABor C
Y
2.7
5.2
7.5
2.7
12
2.7
8.5
ns
tPHL
A, B, or C
Y
3.2
5.7
8
3.2
9.5
3.2
9
ns
tPLH
G2A or G2B
Y
2.7
5
7
2.7
11
2.7
8
ns
tPHL
G2A or G2B
Y
2.2
4.9
7
2.2
8
2.2
7.5
ns
tPLH
G1
Y
3.2
5.8
8
3.2
12.5
3.2
9
ns
tPHL
G1
Y
2.7
5.2
7.5
2.7
8.5
2.7
8.5
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 3: Load circuits and waveforms are shown in Section 1.


Similar Part No. - SN74F138D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F138D TI-SN74F138D Datasheet
88Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74F138D TI-SN74F138D Datasheet
1Mb / 17P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74F138DE4 TI-SN74F138DE4 Datasheet
1Mb / 17P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74F138DG4 TI-SN74F138DG4 Datasheet
1Mb / 17P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74F138DR TI-SN74F138DR Datasheet
1Mb / 17P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results

Similar Description - SN74F138D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
   3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54HCT138 TI-SN54HCT138 Datasheet
95Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com