Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC00 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC00
Description  Quadruple 2-Input Positive-NAND Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54HC00 Datasheet(HTML) 4 Page - Texas Instruments

  SN54HC00 Datasheet HTML 1Page - Texas Instruments SN54HC00 Datasheet HTML 2Page - Texas Instruments SN54HC00 Datasheet HTML 3Page - Texas Instruments SN54HC00 Datasheet HTML 4Page - Texas Instruments SN54HC00 Datasheet HTML 5Page - Texas Instruments SN54HC00 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
25-Feb-2014
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
SN54HC00TDF1
ACTIVE
0
400
TBD
Call TI
N / A for Pkg Type
25 Only
SN54HC00TDF2
ACTIVE
0
10
TBD
Call TI
N / A for Pkg Type
25 Only
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.


Similar Part No. - SN54HC00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC00 TI-SN54HC00 Datasheet
76Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54HC00 TI-SN54HC00 Datasheet
703Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54HC00 TI1-SN54HC00 Datasheet
1Mb / 28P
[Old version datasheet]   SNx4HC00 Quadruple 2-Input Positive-NAND Gates
SN54HC00 TI1-SN54HC00 Datasheet
810Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN54HC00-SP TI1-SN54HC00-SP Datasheet
1Mb / 28P
[Old version datasheet]   SNx4HC00 Quadruple 2-Input Positive-NAND Gates
More results

Similar Description - SN54HC00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC00 TI-SN74AUC00_07 Datasheet
548Kb / 11P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00_08 Datasheet
754Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Potato Semiconductor Co...
PO54G00A POTATO-PO54G00A Datasheet
554Kb / 6P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74ALVC00-EP TI1-SN74ALVC00-EP Datasheet
308Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74LVC00A-Q1 TI1-SN74LVC00A-Q1 Datasheet
217Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00 Datasheet
110Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00-Q1 TI1-SN74ALVC00-Q1_15 Datasheet
769Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
74AC11000 TI-74AC11000 Datasheet
76Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
REVISED APRIL 1996
74AC11000 TI1-74AC11000_12 Datasheet
625Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Potato Semiconductor Co...
PO74G00A POTATO-PO74G00A_14 Datasheet
1Mb / 6P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com