Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM4356XKUBGT Datasheet(PDF) 10 Page - Cypress Semiconductor

Part # BCM4356XKUBGT
Description  Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
Download  195 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4356XKUBGT Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button BCM4356XKUBGT Datasheet HTML 6Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 7Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 8Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 9Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 10Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 11Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 12Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 13Page - Cypress Semiconductor BCM4356XKUBGT Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 195 page
background image
Table of Contents
BCM4356 Advance Data Sheet
Broadcom®
May 8, 2015 • 4356-DS103-R
Page 9
BROADCOM CONFIDENTIAL
Section 18: Internal Regulator Electrical Specifications ............................................. 160
Core Buck Switching Regulator.............................................................................................................. 160
3.3V LDO (LDO3P3) .................................................................................................................................. 161
3.3V LDO (LDO3P3_B).............................................................................................................................. 162
2.5V LDO (BTLDO2P5) ............................................................................................................................. 163
CLDO ......................................................................................................................................................... 164
LNLDO ....................................................................................................................................................... 165
Section 19: System Power Consumption...................................................................... 166
WLAN Current Consumption................................................................................................................... 166
Bluetooth and FM Current Consumption ............................................................................................... 168
Section 20: Interface Timing and AC Characteristics .................................................. 169
SDIO Timing.............................................................................................................................................. 169
SDIO Default Mode Timing ................................................................................................................. 169
SDIO High-Speed Mode Timing.......................................................................................................... 171
SDIO Bus Timing Specifications in SDR Modes ................................................................................. 172
Clock Timing ................................................................................................................................ 172
Device Input Timing ..................................................................................................................... 173
Device Output Timing................................................................................................................... 174
SDIO Bus Timing Specifications in DDR50 Mode............................................................................... 177
Data Timing, DDR50 Mode .......................................................................................................... 178
PCI Express Interface Parameters .......................................................................................................... 179
JTAG Timing ............................................................................................................................................. 181
Section 21: Power-Up Sequence and Timing ............................................................... 182
Sequencing of Reset and Regulator Control Signals ........................................................................... 182
Description of Control Signals ............................................................................................................. 182
Control Signal Timing Diagrams.......................................................................................................... 183
Power-up Sequences .......................................................................................................................... 185
Section 22: Package Information ................................................................................... 187
Package Thermal Characteristics ........................................................................................................... 187
Junction Temperature Estimation and PSIJT Versus ThetaJC.............................................................. 188
Environmental Characteristics................................................................................................................ 188
Section 23: Mechanical Information .............................................................................. 189
Section 24: Ordering Information .................................................................................. 193


Similar Part No. - BCM4356XKUBGT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM4356XKUBG CYPRESS-BCM4356XKUBG Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
More results

Similar Description - BCM4356XKUBGT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4356 CYPRESS-CYW4356 Datasheet
12Mb / 155P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM4356XKWBGT CYPRESS-BCM4356XKWBGT Datasheet
4Mb / 195P
   Single-Chip 5G WiFi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1, FM Receiver, and Wireless Charging
BCM43455 CYPRESS-BCM43455 Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339 CYPRESS-BCM4339 Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKWBGT CYPRESS-BCM4339XKWBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4339XKUBGT CYPRESS-BCM4339XKUBGT Datasheet
4Mb / 183P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM43455XKUBGT CYPRESS-BCM43455XKUBGT Datasheet
2Mb / 159P
   Single-Chip 5G WiFi IEEE 802.11ac MAC/Baseband/ Radio with Integrated Bluetooth 4.1 and FM Receiver
CYW4354 CYPRESS-CYW4354 Datasheet
13Mb / 165P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354KKWBGT CYPRESS-BCM4354KKWBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
BCM4354XKUBGT CYPRESS-BCM4354XKUBGT Datasheet
4Mb / 192P
   Single-Chip 5G Wi-Fi IEEE 802.11ac 2횞2 MAC/ Baseband/Radio with Integrated Bluetooth 4.1 and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com