Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM4390DKWBG Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # BCM4390DKWBG
Description  WICED??Wi-Fi IEEE 802.11 b/g/n SoC with Embedded Application Processor
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM4390DKWBG Datasheet(HTML) 4 Page - Cypress Semiconductor

  BCM4390DKWBG Datasheet HTML 1Page - Cypress Semiconductor BCM4390DKWBG Datasheet HTML 2Page - Cypress Semiconductor BCM4390DKWBG Datasheet HTML 3Page - Cypress Semiconductor BCM4390DKWBG Datasheet HTML 4Page - Cypress Semiconductor BCM4390DKWBG Datasheet HTML 5Page - Cypress Semiconductor BCM4390DKWBG Datasheet HTML 6Page - Cypress Semiconductor BCM4390DKWBG Datasheet HTML 7Page - Cypress Semiconductor BCM4390DKWBG Datasheet HTML 8Page - Cypress Semiconductor BCM4390DKWBG Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 78 page
background image
Revision History
BCM4390 Advance Data Sheet
BROADCOM
WICED Wi-Fi IEEE 802.11 SoC w/Embedded App Processor
February 5, 2014 • 4390-DS103-R
Page 3
®
BROADCOM CONFIDENTIAL
Revision History
Revision
Date
Change Description
4390-DS103-R
02/05/14
Updated:
• “Features” on page 1
4390-DS102-R
12/11/13
Updated:
• Figure 1 on page 1
• “General Features” on page 2
• “Power Supply Topology” on page 12
• Figure 3: “Typical Power Topology,” on page 13
• “External 32.768 KHz Low-Power Oscillator” on page 20
• Table 4: “GPIO Port A Alternate Functions,” on page 23
• Figure 9: “WLAN PHY Block Diagram,” on page 35
• Figure 10: “Radio Functional Block Diagram,” on page 36
• “Receiver Path” on page 36
• Table 8: “WLAN MAC Architecture,” on page 30
• Table 9: “WLCSP and FCFBGA Pin Descriptions,” on page 48
• Table 14: “Recommended Operating Conditions and DC
Characteristics,” on page 57
• Table 16: “WLAN 2.4 GHz Receiver Performance
Specifications,” on page 60
• Table 19: “Core Buck Switching Regulator (CBUCK)
Specifications,” on page 65
• Table 20: “LDO3P3 Specifications,” on page 66
• Table 24: “Typical WLAN Power Consumption,” on page 69
• Figure 14: “WLAN = OFF, APPS CPU = OFF,” on page 72
• Figure 15: “WLAN = ON, APPS CPU = OFF,” on page 73
• Figure 16: “WLAN = OFF, APPS CPU= ON,” on page 73
• Figure 18: “WLCSP Keep-Out Areas for PCB Layout —Bottom
View, Bumps Facing Up,” on page 76
4390-DS101-R
12/05/13
Updated:
• Significant changes throughout the document.
4390-DS100-R
05/15/13
Initial release


Similar Part No. - BCM4390DKWBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM4390DKWBG CYPRESS-BCM4390DKWBG Datasheet
1Mb / 64P
   WICED??Wi-Fi IEEE 802.11 b/g/n SoC with Embedded Application Processor
BCM4390DKWBGT CYPRESS-BCM4390DKWBGT Datasheet
1Mb / 78P
   WICED??Wi-Fi IEEE 802.11 b/g/n SoC with Embedded Application Processor
BCM4390DKWBGT CYPRESS-BCM4390DKWBGT Datasheet
1Mb / 64P
   WICED??Wi-Fi IEEE 802.11 b/g/n SoC with Embedded Application Processor
More results

Similar Description - BCM4390DKWBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYW4390 CYPRESS-CYW4390 Datasheet
1Mb / 64P
   WICED??Wi-Fi IEEE 802.11 b/g/n SoC with Embedded Application Processor
BCM4390DKWBGT CYPRESS-BCM4390DKWBGT Datasheet
1Mb / 78P
   WICED??Wi-Fi IEEE 802.11 b/g/n SoC with Embedded Application Processor
BCM4390 CYPRESS-BCM4390 Datasheet
1Mb / 78P
   WICED??Wi-Fi IEEE 802.11 b/g/n SoC with Embedded Application Processor
BCM43903KUBGT CYPRESS-BCM43903KUBGT Datasheet
1Mb / 87P
   WICED??IEEE 802.11 b/g/n SoC with an Embedded Applications Processor
BCM43903 CYPRESS-BCM43903 Datasheet
1Mb / 87P
   WICED??IEEE 802.11 b/g/n SoC with an Embedded Applications Processor
BCM43907KWBGT CYPRESS-BCM43907KWBGT Datasheet
2Mb / 128P
   WICED??IEEE 802.11 a/b/g/n SoC with an Embedded Applications Processor
BCM43907 CYPRESS-BCM43907 Datasheet
2Mb / 128P
   WICED??IEEE 802.11 a/b/g/n SoC with an Embedded Applications Processor
CYW54907 CYPRESS-CYW54907 Datasheet
1Mb / 95P
   WICED??IEEE 802.11 a/b/g/n/ac SoC with an Embedded Applications Processor
CYW43903 CYPRESS-CYW43903 Datasheet
1Mb / 65P
   WICED??IEEE 802.11 a/b/g/n SoC with anEmbedded Applications Processor
CYW43907 CYPRESS-CYW43907 Datasheet
1Mb / 94P
   WICED??IEEE 802.11 a/b/g/n SoC with anEmbedded Applications Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com