Electronic Components Datasheet Search |
|
AT94K10AL-25DQI Datasheet(PDF) 11 Page - ATMEL Corporation |
|
AT94K10AL-25DQI Datasheet(HTML) 11 Page - ATMEL Corporation |
11 / 192 page 11 AT94K Series FPSLIC Rev. 1138F–FPSLI–06/02 most RAM blocks, RAddr is on the left and WAddr is on the right. For the right-most RAM blocks, WAddr is on the left and RAddr is tied off. For single-ported RAM, WAddr is the READ/WRITE address port and Din is the (bi-directional) data port. The right-most RAM blocks can be used only for single-ported memories. WE and OE connect to the vertical express buses in the same column on Plane V1 and V2, respectively. WAddr, RAddr, WE and OE connect to express buses that are full length at array edge. Reading and writing the 32 x 4 dual-port RAM are independent of each other. Reading the 32 x 4 dual-port RAM is completely asynchronous. Latches are transparent; when Load is logic 1, data flows through; when Load is logic 0, data is latched. Each bit in the 32 x 4 dual-port RAM is also a transparent latch. The front-end latch and the memory latch together and form an edge-triggered flip-flop. When a bit nibble is (Write) addressed and LOAD is logic 1 and WE is logic 0, DATA flows through the bit. When a nibble is not (Write) addressed or LOAD is logic 0 or WE is logic 1, DATA is latched in the nibble. The two CLOCK muxes are controlled together; they both select CLOCK or they both select “1”. CLOCK is obtained from the clock for the sector-column immediately to the left and immediately above the RAM block. Writing any value to the RAM Clear Byte during configuration clears the RAM, see Figure 5 and Figure 6. Figure 8. FPGA RAM Connections (One RAM Block) 32X4 RAM Din WAddr WE OE Dout RAddr CLK CLK CLK CLK CLK Sector Clock Mux |
Similar Part No. - AT94K10AL-25DQI |
|
Similar Description - AT94K10AL-25DQI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |