Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDFS2P102 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FDFS2P102
Description  Integrated P-Channel MOSFET and Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDFS2P102 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FDFS2P102 Datasheet HTML 1Page - Fairchild Semiconductor FDFS2P102 Datasheet HTML 2Page - Fairchild Semiconductor FDFS2P102 Datasheet HTML 3Page - Fairchild Semiconductor FDFS2P102 Datasheet HTML 4Page - Fairchild Semiconductor FDFS2P102 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDFS2P102 Rev. E
Typical Characteristics (continued)
Figure 7. Gate-Charge Characteristics.
Figure 8. Capacitance Characteristics.
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient themal response will change depending on the circuit board design.
0
2
4
6
8
10
0
5
10
15
20
25
30
35
Qg, GATE CHARGE (nC)
ID = 7.6A
VDS = 10V
20V
40V
0
400
800
1200
1600
2000
2400
0
1020
304050607080
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
COSS
f = 1MHz
VGS = 0 V
Figure 10. Schottky Diode Reverse Current.
Figure 9. Schottky Diode Forward Voltage.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.1
0.2
0.5
1
2
5
10
V , FORWARD VOLTAGE (V)
25 C
F
T = 125 C
J
0
5
10
15
20
0.0001
0.0002
0.0005
0.001
V
, R EVER SE V O LTA G E (V)
R
T = 25 C
J
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t /t
1
2
R
(t) = r(t) * R
R
=135 C/W
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2


Similar Part No. - FDFS2P102

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFS2P102A FAIRCHILD-FDFS2P102A Datasheet
145Kb / 6P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
More results

Similar Description - FDFS2P102

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDFS2P103A FAIRCHILD-FDFS2P103A Datasheet
144Kb / 6P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFMA2P853 FAIRCHILD-FDFMA2P853 Datasheet
307Kb / 7P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFS2P103 FAIRCHILD-FDFS2P103 Datasheet
295Kb / 9P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFM2P110 FAIRCHILD-FDFM2P110 Datasheet
521Kb / 7P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFMA2P853 FAIRCHILD-FDFMA2P853_08 Datasheet
841Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFS2P102A FAIRCHILD-FDFS2P102A Datasheet
145Kb / 6P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFMC2P120 FAIRCHILD-FDFMC2P120 Datasheet
123Kb / 7P
   Integrated P-Channel PowerTrench MOSFET and Schottky Diode
FDFMA2P853 FAIRCHILD-FDFMA2P853_06 Datasheet
251Kb / 7P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA3P029Z FAIRCHILD-FDFMA3P029Z Datasheet
353Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
FDFMA2P853T FAIRCHILD-FDFMA2P853T Datasheet
357Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com