Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC20PW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC20PW
Description  DUAL 4-INPUT POSITIVE-NAND GATES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC20PW Datasheet(HTML) 4 Page - Texas Instruments

  SN74HC20PW Datasheet HTML 1Page - Texas Instruments SN74HC20PW Datasheet HTML 2Page - Texas Instruments SN74HC20PW Datasheet HTML 3Page - Texas Instruments SN74HC20PW Datasheet HTML 4Page - Texas Instruments SN74HC20PW Datasheet HTML 5Page - Texas Instruments SN74HC20PW Datasheet HTML 6Page - Texas Instruments SN74HC20PW Datasheet HTML 7Page - Texas Instruments SN74HC20PW Datasheet HTML 8Page - Texas Instruments SN74HC20PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SN54HC20, SN74HC20
DUAL 4INPUT POSITIVENAND GATES
SCLS086F − DECEMBER 1982 − REVISED AUGUST 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 50 pF
(unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
VCC
TA = 25°C
SN54HC20
SN74HC20
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
45
110
165
140
tpd
A, B, C, or D
Y
4.5 V
14
22
33
28
ns
tpd
A, B, C, or D
Y
6 V
11
19
28
24
ns
2 V
27
75
110
95
tt
Y
4.5 V
9
15
22
19
ns
tt
Y
6 V
7
13
19
16
ns
operating characteristics, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load
25
pF


Similar Part No. - SN74HC20PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC20PW TI-SN74HC20PW Datasheet
521Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN74HC20PWE4 TI-SN74HC20PWE4 Datasheet
521Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN74HC20PWG4 TI-SN74HC20PWG4 Datasheet
521Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN74HC20PWR TI-SN74HC20PWR Datasheet
521Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN74HC20PWRE4 TI-SN74HC20PWRE4 Datasheet
521Kb / 16P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
More results

Similar Description - SN74HC20PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN5420 TI-SN5420 Datasheet
247Kb / 7P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN54ALS20A TI-SN54ALS20A Datasheet
95Kb / 6P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
74ACT11020 TI1-74ACT11020 Datasheet
79Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN5420 TI1-SN5420_15 Datasheet
951Kb / 20P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LS20 RENESAS-HD74LS20 Datasheet
66Kb / 6P
   Dual 4-input Positive NAND Gates
logo
Texas Instruments
SN54F20 TI-SN54F20 Datasheet
68Kb / 5P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
logo
Renesas Technology Corp
HD74LV20A RENESAS-HD74LV20A_15 Datasheet
94Kb / 11P
   Dual 4-input Positive NAND Gates
logo
Texas Instruments
5962-8858901DA TI1-5962-8858901DA Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
CD54ACT20 TI1-CD54ACT20 Datasheet
871Kb / 13P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
logo
Hitachi Semiconductor
HD74LS20 HITACHI-HD74LS20 Datasheet
42Kb / 5P
   Dual 4-input Positive NAND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com