Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE9018 Datasheet(PDF) 2 Page - Seaward Electronics Inc.

Part # SE9018
Description  1A Standalone Linear Li-lon Battery Charger
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE9018 Datasheet(HTML) 2 Page - Seaward Electronics Inc.

  SE9018 Datasheet HTML 1Page - Seaward Electronics Inc. SE9018 Datasheet HTML 2Page - Seaward Electronics Inc. SE9018 Datasheet HTML 3Page - Seaward Electronics Inc. SE9018 Datasheet HTML 4Page - Seaward Electronics Inc. SE9018 Datasheet HTML 5Page - Seaward Electronics Inc. SE9018 Datasheet HTML 6Page - Seaward Electronics Inc. SE9018 Datasheet HTML 7Page - Seaward Electronics Inc. SE9018 Datasheet HTML 8Page - Seaward Electronics Inc. SE9018 Datasheet HTML 9Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Rev1.0
Preliminary and all contents are subject to change without prior notice
© Seaward Electronics Inc., 2013. • www.seawardinc.com.cn • Page 2
SE9018
1A Standalone Linear Li-lon Battery Charger
Pin Configuration
Pin Description
Pin
Pin Function Description
Pin
Pin Function Description
TEMP
Connecting TEMP pin to NTC
thermistor’s output in Lithium ion battery
pack.
BAT
Connect the positive terminal of the
battery to BAT pin
PROG
Constant charge current setting and
charge current monitor pin
STDBY
Open Drain Charge Status Output
GND
Ground pin
CHRG
Open Drain Charge Status Output
VCC
Input Voltage pin
CE
Chip Enable Input
Absolute Maximum Rating
Parameter
Symbol
Value
Units
Input Supply Voltage
Vin
6.5
V
BAT Voltage
VBAT+
6.5
V
TEMP/CE
VTEMP
6.5
V
CHRG
/ STDBY
VCHRG
6.5
V
BAT Pin Current
IBAT
1500
mA
PROG Pin Current
IPROG
1500
uA
Maximum Junction Temperature
150
°C


Similar Part No. - SE9018

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE9011 SEAWARD-SE9011 Datasheet
294Kb / 8P
   Standalon Linear Lithum Battery Charger
SE9014 SEAWARD-SE9014 Datasheet
514Kb / 11P
   Standalon Linear Lithum Battery Charger
SE9016 SEAWARD-SE9016 Datasheet
312Kb / 8P
   Standalone Linear Lithium Battery Charger
SE9016 SEAWARD-SE9016_12 Datasheet
436Kb / 10P
   Standalone Linear Lithium Battery Charger
SE9017 SEAWARD-SE9017 Datasheet
408Kb / 11P
   Standalone Linear Lithium Battery Charger
More results

Similar Description - SE9018

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD9056 TECHCODE-TD9056 Datasheet
427Kb / 10P
   1A Standalone Linear Li-lon Battery Charger with Thermal Regulation
logo
Lowpower Semiconductor ...
LP4056H POWER-LP4056H Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
logo
Linear Technology
LTC4061 LINER-LTC4061_05 Datasheet
790Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
logo
TECHCODE SEMICONDUCTOR,...
TD9054 TECHCODE-TD9054 Datasheet
320Kb / 9P
   Standalone Linear Li-lon Battery Charger with Thermal Regulation
logo
Shenzhen Huazhimei Semi...
HM4057D HMSEMI-HM4057D Datasheet
314Kb / 6P
   Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
Lowpower Semiconductor ...
LP28057A POWER-LP28057A Datasheet
416Kb / 7P
   1A Standalone Linear Li-Ion Battery Charger
logo
Linear Technology
LTC4061 LINER-LTC4061 Datasheet
665Kb / 20P
   Standalone Linear Li-lon Battery Charger with Thermistor Input
logo
SHOUDING Shouding Semic...
SD6003 SHOUDING-SD6003 Datasheet
332Kb / 7P
   Standalone Linear Li-Lon Battery Charger with Thermal Regulation
SD8003 SHOUDING-SD8003 Datasheet
1Mb / 7P
   Standalone Linear Li-Lon Battery Charger with Thermal Regulation
logo
List of Unclassifed Man...
TP4056 ETC2-TP4056 Datasheet
48Kb / 3P
   1A Standalone Linear Li-lon Battery Charger with Thermal Regulation in SOP-8
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com