Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC32N Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC32N
Description  Quadruple 2-Input Positive-OR Gates
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC32N Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74HC32N Datasheet HTML 5Page - Texas Instruments SN74HC32N Datasheet HTML 6Page - Texas Instruments SN74HC32N Datasheet HTML 7Page - Texas Instruments SN74HC32N Datasheet HTML 8Page - Texas Instruments SN74HC32N Datasheet HTML 9Page - Texas Instruments SN74HC32N Datasheet HTML 10Page - Texas Instruments SN74HC32N Datasheet HTML 11Page - Texas Instruments SN74HC32N Datasheet HTML 12Page - Texas Instruments SN74HC32N Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
A
B
Y
Copyright © 2016, Texas Instruments Incorporated
9
SN54HC32, SN74HC32
www.ti.com
SCLS200E – DECEMBER 1982 – REVISED JULY 2016
Product Folder Links: SN54HC32 SN74HC32
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The SNx4HC32 devices are quad 2-input OR gates. These devices are members of the High-Speed CMOS (HC)
logic family. The HC family of logic is optimized to operate with a 5-V supply, is low noise without characteristic
overshoot and undershoot, has low power consumption, small propagation delay, balanced propagation delay
and transition times, and operates over a wide temperature range.
8.2 Functional Block Diagram
Figure 5. Logic Diagram (Positive Logic)
8.3 Feature Description
8.3.1 Operating Voltage Range
The SNx4HC series of devices offer a wide operating voltage range from 2 V to 6 V.
8.3.2 LSTTL Loads
The outputs of the SNx4HC series can drive up to 10 LSTTL loads.
8.3.3 Low Power Consumption
The SNx4HC32 offers low power consumption of 20 μA (maximum).
8.3.4 Output Drive Capability
At 5 V, the outputs have ±4 mA of output drive capability.
8.3.5 Low Input Current Leakage
Inputs have low input current leakage of 1 μA (maximum).
8.4 Device Functional Modes
Table 1 lists the functional modes of SNx4HC32.
Table 1. Function Table
(Each Gate)
INPUTS
OUTPUT
A
B
Y
H
X
H
X
H
H
L
L
L


Similar Part No. - SN74HC32N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC32N TI-SN74HC32N Datasheet
518Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32N TI-SN74HC32N Datasheet
662Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32N TI-SN74HC32N Datasheet
699Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32N TI1-SN74HC32N Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32N3 TI-SN74HC32N3 Datasheet
518Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

Similar Description - SN74HC32N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_10 Datasheet
789Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74AHC32 UTC-U74AHC32 Datasheet
179Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32PWLE TI-SN74LV32PWLE Datasheet
221Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com