Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN54HC132 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN54HC132
Description  Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54HC132 Datasheet(HTML) 5 Page - Texas Instruments

  SN54HC132 Datasheet HTML 1Page - Texas Instruments SN54HC132 Datasheet HTML 2Page - Texas Instruments SN54HC132 Datasheet HTML 3Page - Texas Instruments SN54HC132 Datasheet HTML 4Page - Texas Instruments SN54HC132 Datasheet HTML 5Page - Texas Instruments SN54HC132 Datasheet HTML 6Page - Texas Instruments SN54HC132 Datasheet HTML 7Page - Texas Instruments SN54HC132 Datasheet HTML 8Page - Texas Instruments SN54HC132 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
SN54HC132
SN74HC132
www.ti.com
SCLS034G – DECEMBER 1982 – REVISED JUNE 2016
Product Folder Links: SN54HC132 SN74HC132
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VT+
2 V
0.7
1.2
1.5
V
4.5 V
1.55
2.5
3.15
6 V
2.1
3.3
4.2
VT−
2 V
0.3
0.6
1
V
4.5 V
0.9
1.6
2.45
6 V
1.2
2
3.2
VT+ – VT−
2 V
0.2
0.6
1.2
V
4.5 V
0.4
0.9
2.1
6 V
0.5
1.3
2.5
VOH
VI = VIH or VIL
IOH = –20 µA
2 V
1.9
1.998
V
4.5 V
4.4
4.499
6 V
5.9
5.999
IOH = –4 mA
TA = 25°C
4.5 V
3.98
4.3
SN54HC132
3.7
SN74HC132
3.84
IOH = –5.2 mA
TA = 25°C
6 V
5.48
5.8
SN54HC132
5.2
SN74HC132
5.34
VOL
VI = VIH or VIL
IOL = 20 µA
2 V
0.002
0.1
V
4.5 V
0.001
0.1
6 V
0.001
0.1
IOL = 4 mA
TA = 25°C
4.5 V
0.17
0.26
SN54HC132
0.4
SN74HC132
0.33
IOL = 5.2 mA
TA = 25°C
6 V
0.15
0.26
SN54HC132
0.4
SN74HC132
0.33
II
VI = VCC or 0
TA = 25°C
6 V
±0.1
±100
nA
SN54HC132,
SN74HC132
±1000
ICC
VI = VCC or 0, IO = 0
TA = 25°C
6 V
2
µA
SN54HC132
40
SN74HC132
20
Ci
2 V to 6 V
3
10
pF


Similar Part No. - SN54HC132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC132 TI-SN54HC132 Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132 TI1-SN54HC132 Datasheet
96Kb / 6P
[Old version datasheet]   Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
SN54HC132 TI1-SN54HC132 Datasheet
812Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATE WITH SCHMITT-TRIGGER INPUTS
SN54HC132-DIE TI1-SN54HC132-DIE Datasheet
96Kb / 6P
[Old version datasheet]   Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
SN54HC132J TI-SN54HC132J Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
More results

Similar Description - SN54HC132

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC132 TI-SN54AHC132_07 Datasheet
184Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_04 Datasheet
318Kb / 11P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A Datasheet
333Kb / 13P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI1-SN54LV132A_15 Datasheet
1,005Kb / 24P
[Old version datasheet]   Quadruple Positive-NAND Gates With Schmitt-Trigger Inputs
SN54LV132A TI-SN54LV132A_08 Datasheet
504Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54LV132A TI-SN54LV132A_07 Datasheet
474Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132_08 Datasheet
304Kb / 10P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHCT132 TI-SN54AHCT132 Datasheet
95Kb / 6P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132 TI-SN54HC132 Datasheet
513Kb / 15P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54AHC132 TI-SN54AHC132 Datasheet
130Kb / 8P
[Old version datasheet]   QUADRUPLE POSITIVE-NAND GATES WITH SCHMITT-TRIGGER INPUTS
SN54HC132-DIE TI1-SN54HC132-DIE Datasheet
96Kb / 6P
[Old version datasheet]   Quadruple Positive-NAND Gates with Schmitt-Trigger Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com