Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM43243KFFBG Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # BCM43243KFFBG
Description  Single-Chip IEEE 802.11 a/b/g/n 2횞2 MAC/Baseband/Radio
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM43243KFFBG Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button BCM43243KFFBG Datasheet HTML 5Page - Cypress Semiconductor BCM43243KFFBG Datasheet HTML 6Page - Cypress Semiconductor BCM43243KFFBG Datasheet HTML 7Page - Cypress Semiconductor BCM43243KFFBG Datasheet HTML 8Page - Cypress Semiconductor BCM43243KFFBG Datasheet HTML 9Page - Cypress Semiconductor BCM43243KFFBG Datasheet HTML 10Page - Cypress Semiconductor BCM43243KFFBG Datasheet HTML 11Page - Cypress Semiconductor BCM43243KFFBG Datasheet HTML 12Page - Cypress Semiconductor BCM43243KFFBG Datasheet HTML 13Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
List of Tables
BCM43243 Preliminary Data Sheet
BROADCOM CONFIDENTIAL
Broadcom®
Single-Chip MAC/Baseband/Radio
April 16, 2015 • 43243-DS100-R
Page 8
List of Tables
Table 1: Crystal Oscillator and External Clock – Requirements and Performance.......................................... 19
Table 2: Pin List By Pin Number ...................................................................................................................... 37
Table 3: Alphabetical Pin List By Pin Name..................................................................................................... 41
Table 4: FCFBGA Signal Descriptions............................................................................................................. 45
Table 5: WLAN GPIO Functions and Strapping Options ................................................................................. 49
Table 6: I/O States ........................................................................................................................................... 50
Table 7: Absolute Maximum Ratings ............................................................................................................... 52
Table 8: Environmental Ratings....................................................................................................................... 53
Table 9: ESD Specifications ............................................................................................................................ 53
Table 10: Recommended Operating Conditions and DC Characteristics........................................................ 54
Table 11: 2.4 GHz Band General RF Specifications........................................................................................ 56
Table 12: WLAN 2.4 GHz Receiver Performance Specifications .................................................................... 56
Table 13: WLAN 2.4 GHz Transmitter Performance Specifications ................................................................ 59
Table 14: WLAN 5 GHz Receiver Performance Specifications ....................................................................... 60
Table 15: WLAN 5 GHz Transmitter Performance Specifications ................................................................... 63
Table 16: General Spurious Emissions Specifications .................................................................................... 64
Table 17: Core Buck Switching Regulator (CBUCK) Specifications ................................................................ 65
Table 18: CLDO Specifications........................................................................................................................ 67
Table 19: LNLDO1 Specifications.................................................................................................................... 68
Table 20: LNLDO2 Specifications.................................................................................................................... 69
Table 21: 2.4 GHz WLAN Current Consumption ............................................................................................. 70
Table 22: 5 GHz WLAN Current Consumption ................................................................................................ 71
Table 23: JTAG Timing Characteristics ........................................................................................................... 72
Table 24: Package JEDEC Thermal Characteristics ....................................................................................... 74


Similar Part No. - BCM43243KFFBG

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
BCM4321 BOARDCOM-BCM4321 Datasheet
272Kb / 2P
   Intensi-fi Gigabit Ethernet Draft-802.11n Processor
logo
Cypress Semiconductor
BCM43236 CYPRESS-BCM43236 Datasheet
504Kb / 43P
   2.4 GHz/5 GHz IEEE802.11n MAC/PHY/Radio Chip
September 16, 2013
BCM43236B CYPRESS-BCM43236B Datasheet
504Kb / 43P
   2.4 GHz/5 GHz IEEE802.11n MAC/PHY/Radio Chip
September 16, 2013
BCM43236BKMLG CYPRESS-BCM43236BKMLG Datasheet
908Kb / 43P
   2.4 GHz/5 GHz IEEE802.11n MAC/PHY/Radio Chip
BCM43236BKMLG CYPRESS-BCM43236BKMLG Datasheet
504Kb / 43P
   2.4 GHz/5 GHz IEEE802.11n MAC/PHY/Radio Chip
September 16, 2013
More results

Similar Description - BCM43243KFFBG

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
BCM43364KUBGT CYPRESS-BCM43364KUBGT Datasheet
1Mb / 82P
   Single-Chip IEEE 802.11 b/g/n MAC/Baseband/Radio
BCM43362KUBG CYPRESS-BCM43362KUBG Datasheet
1Mb / 84P
   Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM43362KUBGT CYPRESS-BCM43362KUBGT Datasheet
1Mb / 84P
   Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
BCM43362SKUBGT CYPRESS-BCM43362SKUBGT Datasheet
1Mb / 84P
   Single-Chip IEEE 802.11??b/g/n MAC/Baseband/Radio SDIO
CYW43362 CYPRESS-CYW43362 Datasheet
742Kb / 51P
   Single-Chip IEEE 802.11?줮/g/n MAC/Baseband/Radio
BCM4319GKUBGT CYPRESS-BCM4319GKUBGT Datasheet
2Mb / 84P
   Single-Chip IEEE 802.11??a/b/g/n MAC/Baseband/ Radio with Integrated SDIO and USB Interfaces
BCM4319XKUBGT CYPRESS-BCM4319XKUBGT Datasheet
2Mb / 84P
   Single-Chip IEEE 802.11??a/b/g/n MAC/Baseband/ Radio with Integrated SDIO and USB Interfaces
logo
Broadcom Corporation.
BCM4330 BOARDCOM-BCM4330 Datasheet
2Mb / 168P
   Single Chip IEEE 802.11??a/b/g/n MAC/Baseband/ Radio with Integrated Bluetooth짰 4.0 HS and FM
logo
Infineon Technologies A...
CYW4373 INFINEON-CYW4373 Datasheet
2Mb / 116P
   Single-Chip Dual Band WiFi IEEE 802.11 a/b/g/n/ac MAC/Baseband/Radio with Integrated Bluetooth 5.0
Rev. G March 22, 2021
logo
Broadcom Corporation.
BCM4334X BOARDCOM-BCM4334X Datasheet
3Mb / 170P
   Single Chip IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0 HS and FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com