Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC32NE4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC32NE4
Description  Quadruple 2-Input Positive-OR Gates
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC32NE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74HC32NE4 Datasheet HTML 7Page - Texas Instruments SN74HC32NE4 Datasheet HTML 8Page - Texas Instruments SN74HC32NE4 Datasheet HTML 9Page - Texas Instruments SN74HC32NE4 Datasheet HTML 10Page - Texas Instruments SN74HC32NE4 Datasheet HTML 11Page - Texas Instruments SN74HC32NE4 Datasheet HTML 12Page - Texas Instruments SN74HC32NE4 Datasheet HTML 13Page - Texas Instruments SN74HC32NE4 Datasheet HTML 14Page - Texas Instruments SN74HC32NE4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Enable
Input x
Output x
11
SN54HC32, SN74HC32
www.ti.com
SCLS200E – DECEMBER 1982 – REVISED JULY 2016
Product Folder Links: SN54HC32 SN74HC32
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
Typical Application (continued)
If input voltages ratings must be exceeded, ensure that the maximum input current ratings are not
exceeded.
Ensure that the input signals have edge rates that are equal to or faster than that listed in Recommended
Operating Conditions. Slower signals can cause incorrect behavior and possibly damage to the part.
Each output must also follow requirements in Absolute Maximum Ratings:
Avoid bus contention by only connecting outputs together when inputs are tied together directly.
Avoid forcing output voltages outside those specified in Absolute Maximum Ratings.
If output voltage ratings must be exceeded, ensure that the maximum output current ratings are not
exceeded.
Ensure that the total current output does not exceed the continuous current through VCC or GND listed in
Absolute Maximum Ratings.
9.2.3 Application Curves
Dotted lines indicate Enable signal changes
Figure 7. Application Timing Diagram


Similar Part No. - SN74HC32NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC32NE4 TI-SN74HC32NE4 Datasheet
518Kb / 15P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32NE4 TI-SN74HC32NE4 Datasheet
662Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32NE4 TI-SN74HC32NE4 Datasheet
699Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32NE4 TI1-SN74HC32NE4 Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results

Similar Description - SN74HC32NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AHC32 TI-SN54AHC32 Datasheet
637Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74HC32ADBR TI1-SN74HC32ADBR Datasheet
1Mb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
CD54ACT32 TI1-CD54ACT32 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54F32 TI-SN54F32 Datasheet
102Kb / 6P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
74ACT11032DRG4 TI-74ACT11032DRG4 Datasheet
481Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_10 Datasheet
789Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74AHC32 UTC-U74AHC32 Datasheet
179Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Texas Instruments
SN74LS32FN TI1-SN74LS32FN Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN74LV32PWLE TI-SN74LV32PWLE Datasheet
221Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
SN54LVC32A TI-SN54LVC32A_07 Datasheet
813Kb / 19P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATES
logo
Unisonic Technologies
U74HC32 UTC-U74HC32 Datasheet
111Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-OR GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com