Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC164 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC164
Description  8-Bit Parallel-Out Serial Shift Registers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC164 Datasheet(HTML) 3 Page - Texas Instruments

  SN74HC164 Datasheet HTML 1Page - Texas Instruments SN74HC164 Datasheet HTML 2Page - Texas Instruments SN74HC164 Datasheet HTML 3Page - Texas Instruments SN74HC164 Datasheet HTML 4Page - Texas Instruments SN74HC164 Datasheet HTML 5Page - Texas Instruments SN74HC164 Datasheet HTML 6Page - Texas Instruments SN74HC164 Datasheet HTML 7Page - Texas Instruments SN74HC164 Datasheet HTML 8Page - Texas Instruments SN74HC164 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
SN54HC164, SN74HC164
www.ti.com
SCLS115G – DECEMBER 1982 – REVISED SEPTEMBER 2015
5 Device Comparison Table
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74HC164D
SOIC (14)
8.65 mm × 3.91 mm
SN74HC164N
PDIP (14)
19.30 mm × 6.35 mm
SN74HC164NS
SO (14)
10.30 mm × 5.30 mm
SN74HC164PW
TSSOP (14)
5.00 mm × 4.40 mm
SN54HC164J
CDIP (14)
19.94 mm × 6.92 mm
SN54HC164W
CFP (14)
9.21 mm × 6.29 mm
SN54HC164FK
LCCC (14)
9.39 mm × 9.39 mm
Copyright © 1982–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN54HC164 SN74HC164


Similar Part No. - SN74HC164

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC164 TI-SN74HC164 Datasheet
109Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164 TI-SN74HC164 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164 TI-SN74HC164 Datasheet
116Kb / 7P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164 TI-SN74HC164 Datasheet
664Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164D TI-SN74HC164D Datasheet
109Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results

Similar Description - SN74HC164

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54LV164A TI1-SN54LV164A_15 Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com