Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC164PW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74HC164PW
Description  8-Bit Parallel-Out Serial Shift Registers
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC164PW Datasheet(HTML) 2 Page - Texas Instruments

  SN74HC164PW Datasheet HTML 1Page - Texas Instruments SN74HC164PW Datasheet HTML 2Page - Texas Instruments SN74HC164PW Datasheet HTML 3Page - Texas Instruments SN74HC164PW Datasheet HTML 4Page - Texas Instruments SN74HC164PW Datasheet HTML 5Page - Texas Instruments SN74HC164PW Datasheet HTML 6Page - Texas Instruments SN74HC164PW Datasheet HTML 7Page - Texas Instruments SN74HC164PW Datasheet HTML 8Page - Texas Instruments SN74HC164PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
SN54HC164, SN74HC164
SCLS115G – DECEMBER 1982 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
1
Features .................................................................. 1
8
Parameter Measurement Information ................ 13
2
Applications ........................................................... 1
9
Detailed Description ............................................ 14
9.1
Overview ................................................................. 14
3
Description ............................................................. 1
9.2
Functional Block Diagram ....................................... 14
4
Revision History..................................................... 2
9.3
Feature Description................................................. 14
5
Device Comparison Table..................................... 3
9.4
Device Functional Modes........................................ 14
6
Pin Configuration and Functions ......................... 4
10
Application and Implementation........................ 15
7
Specifications......................................................... 6
10.1
Application Information.......................................... 15
7.1
Absolute Maximum Ratings ...................................... 6
10.2
Typical Application ............................................... 15
7.2
ESD Ratings ............................................................ 6
11
Power Supply Recommendations ..................... 17
7.3
Recommended Operating Conditions ....................... 6
12
Layout................................................................... 17
7.4
Thermal Information .................................................. 7
12.1
Layout Guidelines ................................................. 17
7.5
Electrical Characteristics, TA = 25°C ........................ 7
12.2
Layout Example .................................................... 17
7.6
Electrical Characteristics, TA = –55°C to 125°C ....... 7
13
Device and Documentation Support ................. 18
7.7
Electrical Characteristics, TA = –55°C to 85°C ......... 8
13.1
Documentation Support ........................................ 18
7.8
Timing Requirements, TA = 25°C.............................. 8
13.2
Related Links ........................................................ 18
7.9
Timing Requirements, TA = –55°C to 125°C ............ 9
13.3
Community Resources.......................................... 18
7.10
Timing Requirements, TA = –55°C to 85°C ............ 9
13.4
Trademarks ........................................................... 18
7.11
Switching Characteristics, TA = 25°C.................... 10
13.5
Electrostatic Discharge Caution ............................ 18
7.12
Switching Characteristics, TA = –55°C to 125°C .. 10
13.6
Glossary ................................................................ 18
7.13
Switching Characteristics, TA = –55°C to 85°C .... 11
7.14
Typical Characteristics .......................................... 12
14
Mechanical, Packaging, and Orderable
Information ........................................................... 18
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision F (October 2013) to Revision G
Page
Added Applications section, Device Information table, Pin Configuration and Functions section, ESD Ratings table,
Thermal Information table, Typical Characteristics section, Feature Description section, Device Functional Modes,
Application and Implementation section, Power Supply Recommendations section, Layout section, Device and
Documentation Support section, and Mechanical, Packaging, and Orderable Information section....................................... 1
Added Military Disclaimer to Features list. ............................................................................................................................. 1
Added Handling Ratings table. ............................................................................................................................................... 6
Changes from Revision E (November 2010) to Revision F
Page
Updated document to new TI data sheet format. ................................................................................................................... 1
Removed Ordering Information table. .................................................................................................................................... 1
Updated operating temperature range. .................................................................................................................................. 6
2
Submit Documentation Feedback
Copyright © 1982–2015, Texas Instruments Incorporated
Product Folder Links: SN54HC164 SN74HC164


Similar Part No. - SN74HC164PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC164PW TI-SN74HC164PW Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164PW TI-SN74HC164PW Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164PW TI-SN74HC164PW Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164PW TI-SN74HC164PW Datasheet
116Kb / 7P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN74HC164PW TI-SN74HC164PW Datasheet
664Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results

Similar Description - SN74HC164PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV164A TI-SN54LV164A_07 Datasheet
755Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
SN54HC164 TI-SN54HC164_03 Datasheet
593Kb / 20P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHCT164 DIODES-74AHCT164 Datasheet
541Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
74HC164 DIODES-74HC164 Datasheet
603Kb / 10P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN74HC164 TI-SN74HC164_09 Datasheet
708Kb / 18P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
ARTSCHIP ELECTRONICS CO...
MC74HC164 ARTSCHIP-MC74HC164 Datasheet
744Kb / 13P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54LV164A TI1-SN54LV164A_15 Datasheet
1Mb / 30P
[Old version datasheet]   8-Bit Parallel-Out Serial Shift Registers
SN74LV164 TI1-SN74LV164 Datasheet
162Kb / 8P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
logo
Texas Instruments
SN54HC164 TI-SN54HC164 Datasheet
349Kb / 14P
[Old version datasheet]   8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com