Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISP1520BD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # ISP1520BD
Description  Hi-Speed Universal Serial Bus hub controller
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1520BD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button ISP1520BD Datasheet HTML 7Page - NXP Semiconductors ISP1520BD Datasheet HTML 8Page - NXP Semiconductors ISP1520BD Datasheet HTML 9Page - NXP Semiconductors ISP1520BD Datasheet HTML 10Page - NXP Semiconductors ISP1520BD Datasheet HTML 11Page - NXP Semiconductors ISP1520BD Datasheet HTML 12Page - NXP Semiconductors ISP1520BD Datasheet HTML 13Page - NXP Semiconductors ISP1520BD Datasheet HTML 14Page - NXP Semiconductors ISP1520BD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
Philips Semiconductors
ISP1520
Hi-Speed USB hub controller
Product data
Rev. 02 — 04 May 2004
11 of 51
9397 750 11689
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.7 Power-on reset
The ISP1520 has an internal Power-On Reset (POR) circuit.
The triggering voltage of the POR circuit is 2.03 V nominal. A POR is automatically
generated when VCC goes below the trigger voltage for a duration longer than 1 µs.
At t1: clock is running and available.
Fig 3.
Power-on reset timing.
Stable external clock is to be available at A.
Fig 4.
External clock with respect to power-on reset.
004aaa388
t1
VCC
2.03 V
0 V
≤ 683 µs
POR
POR
EXTERNAL CLOCK
A
004aaa365


Similar Part No. - ISP1520BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
More results

Similar Description - ISP1520BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ISP1520BDGA NXP-ISP1520BDGA Datasheet
261Kb / 54P
   Hi-Speed Universal Serial Bus hub controller
Rev. 04-28 April 2006
ISP1521 PHILIPS-ISP1521 Datasheet
270Kb / 53P
   Hi-Speed Universal Serial Bus hub controller
Rev. 03-24 November 2004
ISP1583 PHILIPS-ISP1583 Datasheet
420Kb / 87P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-12 July 2004
ISP1582 PHILIPS-ISP1582 Datasheet
325Kb / 66P
   Hi-Speed Universal Serial Bus peripheral controller
Rev. 03-25 August 2004
ISP1563 PHILIPS-ISP1563 Datasheet
481Kb / 107P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
SAF1562 NXP-SAF1562 Datasheet
454Kb / 97P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-7 February 2007
ISP1562 PHILIPS-ISP1562 Datasheet
442Kb / 98P
   Hi-Speed Universal Serial Bus PCI Host Controller
Rev. 01-14 July 2005
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
   UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
logo
Texas Instruments
TUSB2136 TI-TUSB2136 Datasheet
187Kb / 50P
[Old version datasheet]   UNIVERSAL SERIAL BUS KEYBOARD HUB CONTROLLER
logo
NEC
UPD72012 NEC-UPD72012 Datasheet
414Kb / 36P
   HUB CONTROLLER FOR UNIVERSAL SERIAL BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com