Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXXH30N60C3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXXH30N60C3
Description  XPTTM 600V IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXXH30N60C3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXXH30N60C3 Datasheet HTML 1Page - IXYS Corporation IXXH30N60C3 Datasheet HTML 2Page - IXYS Corporation IXXH30N60C3 Datasheet HTML 3Page - IXYS Corporation IXXH30N60C3 Datasheet HTML 4Page - IXYS Corporation IXXH30N60C3 Datasheet HTML 5Page - IXYS Corporation IXXH30N60C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2015 IXYS CORPORATION, All Rights Reserved
XPTTM 600V IGBT
GenX3TM
IXXH30N60C3
V
CES
= 600V
I
C110
= 30A
V
CE(sat) 



 2.4V
t
fi(typ)
= 32ns
DS100574A(9/15)
G = Gate
C
= Collector
E = Emitter
Tab = Collector
TO-247
G
C
E
Tab
Extreme Light Punch Through
IGBT for 20-60 kHz Switching
Features
Optimized for 20-60kHz Switching
Square RBSOA
Avalanche Capability
Short Circuit Capability
International Standard Package
Advantages
High Power Density
175°C Rated
Extremely Rugged
Low Gate Drive Requirement
Applications
Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
A, V
GE = 0V
600
V
V
GE(th)
I
C
= 250
A, V
CE = VGE
3.5
6.0
V
I
CES
V
CE = VCES, VGE = 0V
25
A
T
J = 150C
250 μA
I
GES
V
CE = 0V, VGE = 20V
100
nA
V
CE(sat)
I
C
= 24A, V
GE = 15V, Note 1
1.85
2.40
V
T
J = 150C
2.30
V
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 175°C
600
V
V
CGR
T
J
= 25°C to 175°C, R
GE = 1M
600
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C
60
A
I
C110
T
C = 110°C
30
A
I
CM
T
C = 25°C, 1ms
110
A
I
A
T
C = 25°C
20
A
E
AS
T
C = 25°C
250
mJ
SSOA
V
GE = 15V, TVJ = 150°C, RG = 10
I
CM = 48
A
(RBSOA)
Clamped Inductive Load
@V
CE VCES
t
sc
V
GE = 15V, VCE = 360V, TJ = 150°C
10
μs
(SCSOA)
R
G = 82, Non Repetitive
P
C
T
C = 25°C
270
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque
1.13/10
Nm/lb.in.
Weight
6g


Similar Part No. - IXXH30N60C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXH30N60C3D1 IXYS-IXXH30N60C3D1 Datasheet
241Kb / 7P
   XPTTM 600V IGBT
More results

Similar Description - IXXH30N60C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXXH30N60B3 IXYS-IXXH30N60B3 Datasheet
223Kb / 6P
   XPTTM 600V IGBT
IXXH75N60C3D1 IXYS-IXXH75N60C3D1 Datasheet
193Kb / 7P
   XPTTM 600V IGBT
IXXH75N60B3D1 IXYS-IXXH75N60B3D1 Datasheet
192Kb / 7P
   XPTTM 600V IGBT
IXXN100N60B3H1 IXYS-IXXN100N60B3H1 Datasheet
217Kb / 7P
   XPTTM 600V IGBT
IXXH30N60C3D1 IXYS-IXXH30N60C3D1 Datasheet
241Kb / 7P
   XPTTM 600V IGBT
IXXH50N60B3D1 IXYS-IXXH50N60B3D1 Datasheet
244Kb / 7P
   XPTTM 600V IGBT
IXXR100N60B3H1 IXYS-IXXR100N60B3H1 Datasheet
232Kb / 7P
   XPTTM 600V IGBT
IXXH30N60B3D1 IXYS-IXXH30N60B3D1 Datasheet
199Kb / 7P
   XPTTM 600V IGBT GenX3TM w/ Diode
IXXK200N60C3 IXYS-IXXK200N60C3 Datasheet
211Kb / 6P
   XPTTM 600V IGBTs
IXXH50N60B3 IXYS-IXXH50N60B3 Datasheet
280Kb / 6P
   XPTTM 600V IGBTs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com