Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74HC244PWLE Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74HC244PWLE
Description  Octal Buffers and Line Drivers With 3-State Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC244PWLE Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74HC244PWLE Datasheet HTML 3Page - Texas Instruments SN74HC244PWLE Datasheet HTML 4Page - Texas Instruments SN74HC244PWLE Datasheet HTML 5Page - Texas Instruments SN74HC244PWLE Datasheet HTML 6Page - Texas Instruments SN74HC244PWLE Datasheet HTML 7Page - Texas Instruments SN74HC244PWLE Datasheet HTML 8Page - Texas Instruments SN74HC244PWLE Datasheet HTML 9Page - Texas Instruments SN74HC244PWLE Datasheet HTML 10Page - Texas Instruments SN74HC244PWLE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
7
SN54HC244, SN74HC244
www.ti.com
SCLS130E – DECEMBER 1982 – REVISED MAY 2016
Product Folder Links: SN54HC244 SN74HC244
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
6.9 Switching Characteristics – CL = 50 pF
over recommended operating free-air temperature range (unless otherwise noted; see Figure 2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
From A (input) to Y (output)
VCC = 2 V
SN54HC244
170
ns
SN74HC244
145
VCC = 4.5 V
SN54HC244
34
SN74HC244
29
VCC = 6 V
SN54HC244
29
SN74HC244
25
ten
From OE (input) to Y (output)
VCC = 2 V
SN54HC244
225
ns
SN74HC244
190
VCC = 4.5 V
SN54HC244
45
SN74HC244
38
VCC = 6 V
SN54HC244
38
SN74HC244
32
tdis
From OE (input) to Y (output)
VCC = 2 V
SN54HC244
225
ns
SN74HC244
190
VCC = 4.5 V
SN54HC244
45
SN74HC244
38
VCC = 6 V
SN54HC244
38
SN74HC244
32
tt
To Y (output)
VCC = 2 V
SN54HC244
90
ns
SN74HC244
75
VCC = 4.5 V
SN54HC244
18
SN74HC244
15
VCC = 6 V
SN54HC244
15
SN74HC244
13
6.10 Switching Characteristics – CL = 150 pF
over recommended operating free-air temperature range (unless otherwise noted; see Figure 2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
From A (input) to Y (output)
VCC = 2 V
SN54HC244
245
ns
SN74HC244
210
VCC = 4.5 V
SN54HC244
49
SN74HC244
42
VCC = 6 V
SN54HC244
42
SN74HC244
35
ten
From OE (input) to Y (output)
VCC = 2 V
SN54HC244
300
ns
SN74HC244
250
VCC = 4.5 V
SN54HC244
60
SN74HC244
50
VCC = 6 V
SN54HC244
51
SN74HC244
43
tt
To Y (output)
VCC = 2 V
SN54HC244
315
ns
SN74HC244
265
VCC = 4.5 V
SN54HC244
63
SN74HC244
53
VCC = 6 V
SN54HC244
53
SN74HC244
45


Similar Part No. - SN74HC244PWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HC244PWLE TI-SN74HC244PWLE Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HC244PWLE TI-SN74HC244PWLE Datasheet
717Kb / 19P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74HC244PWLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN74HCT541 TI-SN74HCT541 Datasheet
336Kb / 13P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3 STATE OUTPUTS
SN54HC244 TI-SN54HC244 Datasheet
534Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI-SN54HCT244 Datasheet
529Kb / 16P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541 Datasheet
93Kb / 6P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC241 TI1-SN54HC241_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54LS240 TI-SN54LS240_06 Datasheet
638Kb / 24P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com