Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2640 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM2640
Description  LM2640 Dual Adjustable Step-Down Switching Power Supply Controller
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2640 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2640 Datasheet HTML 2Page - Texas Instruments LM2640 Datasheet HTML 3Page - Texas Instruments LM2640 Datasheet HTML 4Page - Texas Instruments LM2640 Datasheet HTML 5Page - Texas Instruments LM2640 Datasheet HTML 6Page - Texas Instruments LM2640 Datasheet HTML 7Page - Texas Instruments LM2640 Datasheet HTML 8Page - Texas Instruments LM2640 Datasheet HTML 9Page - Texas Instruments LM2640 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
LM2640
SNVS019B – DECEMBER 1998 – REVISED APRIL 2013
www.ti.com
Electrical Characteristics
Typicals and limits appearing in regular type apply for TJ = 25°C. Limits appearing in boldface type apply over the entire
junction temperature range for operation, 0 to +125°C. Unless otherwise specified under the Parameter or Conditions
columns, VIN = 10V, and VSD = VON/OFF1 = VON/OFF2 = 5V
(1) (2) (3)
Symbol
Parameter
Conditions
Typical
Limit
Units
System
VIN
Input Supply Voltage Range
5.5
V(min)
30
V(max)
VOUT
Output Voltage Adjustment
2.2
V(min)
Range
6.0
V(max)
ΔVOUT/VOUT
Load Regulation
0 mV
≤ (CSH1-CSL1) ≤ 80 mV,
0.5
%
0 mV
≤ (CSH2-CSL2) ≤ 80 mV
ΔVOUT/ΔVIN
Line Regulation
5.5V
≤ VIN ≤ 30V
0.002
%/V
IIN
Input Supply Current
ON(4)
0.6
mA
VFB1 = VFB2 = 1.4V,
1
mA(max)
VCSH1 = 5.2V, VCSL1 = 5V,
VCSH2 = 3.5V, VCSL2 = 3.3V
Standing By(5)
80
µA
VON/OFF1 = VON/OFF2 = 0V
150
µA(max)
Shut Down(6)
25
µA
VSD = 0V
60
µA(max)
ISS1, ISS2
Soft-Start Source Current
VSS1 = VSS2 = 1V
4.75
µA
2.0
µA(min)
7.0
µA(max)
Soft-Start Sink Current
10
µA
VPCL
Positive Current Limit Voltage
100
mV
(Voltage from CSH1 to CSL1
80
mV(min)
and from CSH2 to CSL2)
140
mV(max)
−40°C ≤ TJ ≤ +125°C
100
75
mV(min)
VNCL
Negative Current Limit Voltage
V2NDFB/FPWM = 0.8V
−100
mV
(Voltage from CSH1 to CSL1
−80
mV(min)
and from CSH2 to CSL2)
−140
mV(max)
VOUT Undervoltage Shutdown
70
%
Latch Threshold
60
%(min)
80
%(max)
VOUT Overvoltage Shutdown
150
%
Latch Threshold
135
%(min)
165
%(max)
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Ratings are conditions under which
operation of the device is specified. Operating Ratings do not imply specified performance limits. For specified performance limits and
associated test conditions, see the Electrical Characteristics tables.
(2)
A typical is the center of characterization data taken with TA = TJ = 25°C. Typicals are not specified.
(3)
All limits are specified. All electrical characteristics having room-temperature limits are tested during production with TA = 25°C. All hot
and cold limits are specified by correlating the electrical characteristics to process and temperature variations and applying statistical
process control.
(4)
Both controllers are ON but not switching. Currents entering the IC at IN, CSL1, CSH1, CSL2, and CSH2 are measured. Those entering
at CSL1 and CSH1 are multiplied by 0.50 to emulate the effect of a switching conversion from 10V down to 5V. Those entering at CSL2
and CSH2 are multiplied by 0.33 to emulate the effect of a switching conversion from 10V down to 3.3V. After multiplication, all five
currents are added. Because the voltage at the CSL1 input is greater than the LIN-to-VOUT switchover threshold, most of the input
supply current enters the IC via the CSL1 input.
(5)
Both switching controllers are OFF. The 5V, 50 mA linear regulator (output at LIN) and the precision 2.5V reference (output at REF)
remain ON.
(6)
Both switching controllers and the 2.5V precision reference are OFF. The 5V, 50 mA linear regulator remains ON.
6
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: LM2640


Similar Part No. - LM2640

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2640 NSC-LM2640 Datasheet
504Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
LM26400Y NSC-LM26400Y Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
logo
Texas Instruments
LM26400Y TI1-LM26400Y Datasheet
6Mb / 32P
[Old version datasheet]   Dual 2A, 500kHz Wide Input Range Buck Regulator
LM26400Y TI-LM26400Y Datasheet
4Mb / 33P
[Old version datasheet]   LM26400Y Dual 2-A, 500-kHz Wide Input Range Buck Regulator
logo
National Semiconductor ...
LM26400YMH NSC-LM26400YMH Datasheet
2Mb / 24P
   Dual 2A, 500kHz Wide Input Range Buck Regulator
More results

Similar Description - LM2640

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2640 TI-LM2640_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM2640 Dual Adjustable Step-Down Switching Power Supply Controller
logo
National Semiconductor ...
LM2641 NSC-LM2641 Datasheet
466Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
logo
Texas Instruments
LM2641 TI1-LM2641 Datasheet
1Mb / 31P
[Old version datasheet]   Dual Adjustable Step-Down Switching Power Supply Controller
logo
National Semiconductor ...
LM2640 NSC-LM2640 Datasheet
504Kb / 18P
   Dual Adjustable Step-Down Switching Power Supply Controller
logo
Texas Instruments
LM2641MTC-ADJ TI-LM2641MTC-ADJ Datasheet
1Mb / 31P
[Old version datasheet]   LM2641 Dual Adjustable Step-Down Switching Power Supply Controller
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
   Dual step-down controller with adjustable LDO
November 2006 Rev 1
logo
National Semiconductor ...
LM2630 NSC-LM2630 Datasheet
265Kb / 14P
   Synchronous Step-Down Power Supply Controller
LM2631 NSC-LM2631 Datasheet
265Kb / 12P
   Synchronous Step-Down Power Supply Controller
logo
STMicroelectronics
PM6681A STMICROELECTRONICS-PM6681A_08 Datasheet
2Mb / 47P
   Dual synchronous step-down controller with adjustable LDO
logo
Weltrend Semiconductor
YKW-06 WELTREND-YKW-06 Datasheet
183Kb / 5P
   Step-down Switching Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com