Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2642 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM2642
Description  Two-Phase Synchronous Step-Down Switching Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2642 Datasheet(HTML) 1 Page - Texas Instruments

  LM2642 Datasheet HTML 1Page - Texas Instruments LM2642 Datasheet HTML 2Page - Texas Instruments LM2642 Datasheet HTML 3Page - Texas Instruments LM2642 Datasheet HTML 4Page - Texas Instruments LM2642 Datasheet HTML 5Page - Texas Instruments LM2642 Datasheet HTML 6Page - Texas Instruments LM2642 Datasheet HTML 7Page - Texas Instruments LM2642 Datasheet HTML 8Page - Texas Instruments LM2642 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
SS/ON1
SS/ON2
LM2642
PGOOD1
H
H
L
L
UV_Delay
VOUT1
1.3V-27V
VOUT2
1.3V-27V
VIN
4.5V-30V
LM2642
www.ti.com
SNVS203I – MAY 2002 – REVISED APRIL 2013
LM2642 Two-Phase Synchronous Step-Down Switching Controller
Check for Samples: LM2642
1
FEATURES
DESCRIPTION
The
LM2642
consists
of
two
current
mode
2
Two Synchronous Buck Regulators
synchronous
buck
regulator
controllers
with
a
180° Out of Phase Operation
switching frequency of 300kHz.
4.5V to 30V Input Range
The two switching regulator controllers operate 180°
Power Good Function Monitors Ch.1
out of phase. This feature reduces the input ripple
37µA Shutdown Current
RMS
current,
thereby
significantly
reducing
the
required
input
capacitance.
The
two
switching
0.04% (typical) Line and Load Regulation Error
regulator outputs can also be paralleled to operate as
Current Mode Control With or Without a Sense
a dual-phase single output regulator.
Resistor
The output of each channel can be independently
Independent Enable/Soft-start Pins Allow
adjusted from 1.3 to VIN• maximum duty cycle. An
Simple Sequential Startup Configuration.
internal 5V rail is also available externally for driving
Configurable for Single Output Parallel
bootstrap circuitry.
Operation. (See Figure 3).
Current-mode feedback control assures excellent line
Adjustable Cycle-by-Cycle Current Limit
and load regulation and a wide loop bandwidth for
Input Under-voltage Lockout
excellent response to fast load transients. Current is
sensed across either the Vds of the top FET or
Output Over-voltage Latch Protection
across an external current-sense resistor connected
Output Under-voltage Protection with Delay
in series with the drain of the top FET. Current limit is
Thermal Shutdown
independently adjustable for each channel.
Self Discharge of Output Capacitors When the
The LM2642 features analog soft-start circuitry that is
Regulator is OFF
independent
of
the
output
load
and
output
capacitance. This makes the soft-start behavior more
TSSOP package
predictable and controllable than traditional soft-start
circuits.
APPLICATIONS
A PGOOD1 pin is provided to monitor the dc output
Embedded Computer Systems
of channel 1. Over-voltage protection is available for
High End Gaming Systems
both outputs. A UV-Delay pin is also available to
Set-top Boxes
allow delayed shut off time for the IC during an output
under-voltage event.
WebPAD
BLOCK DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2642

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2642 NSC-LM2642 Datasheet
643Kb / 20P
   Two-Phase Synchronous Step-Down Switching Controller
logo
Texas Instruments
LM2642 TI-LM2642 Datasheet
1Mb / 31P
[Old version datasheet]   LM2642 Two-Phase Synchronous Step-Down Switching Controller
logo
National Semiconductor ...
LM26420 NSC-LM26420 Datasheet
635Kb / 28P
   Dual 2.0A, High Frequency Synchronous Step-Down DC-DC Regulator
logo
Texas Instruments
LM26420 TI1-LM26420 Datasheet
1Mb / 47P
[Old version datasheet]   Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
LM26420-Q0 TI-LM26420-Q0 Datasheet
1Mb / 44P
[Old version datasheet]   LM26420/LM26420-Q0/Q1 Dual 2-A Automotive-Qualified, High-Efficiency Synchronous DC-DC Converter
More results

Similar Description - LM2642

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2642 NSC-LM2642 Datasheet
643Kb / 20P
   Two-Phase Synchronous Step-Down Switching Controller
logo
Texas Instruments
LM2642MTCX TI-LM2642MTCX Datasheet
1Mb / 31P
[Old version datasheet]   LM2642 Two-Phase Synchronous Step-Down Switching Controller
logo
National Semiconductor ...
LM2648 NSC-LM2648 Datasheet
1,017Kb / 23P
   Two-Phase, Synchronous Step-Down 3-Channel Switching Regulator Controller
logo
Linear Technology
LTC3850 LINER-LTC3850_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2 Datasheet
401Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850 LINER-LTC3850 Datasheet
522Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-2 LINER-LTC3850-2_15 Datasheet
413Kb / 36P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850EUFDTRPBF LINER-LTC3850EUFDTRPBF Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
LTC3850-1 LINER-LTC3850-1_15 Datasheet
595Kb / 38P
   Dual, 2-Phase Synchronous Step-Down Switching Controller
logo
Semtech Corporation
SC2443 SEMTECH-SC2443_08 Datasheet
1Mb / 22P
   Dual-Phase Single or Two Output Synchronous Step-Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com