Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4S161622H-TC60 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K4S161622H-TC60
Description  16Mb H-die SDRAM Specification
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S161622H-TC60 Datasheet(HTML) 2 Page - Samsung semiconductor

  K4S161622H-TC60 Datasheet HTML 1Page - Samsung semiconductor K4S161622H-TC60 Datasheet HTML 2Page - Samsung semiconductor K4S161622H-TC60 Datasheet HTML 3Page - Samsung semiconductor K4S161622H-TC60 Datasheet HTML 4Page - Samsung semiconductor K4S161622H-TC60 Datasheet HTML 5Page - Samsung semiconductor K4S161622H-TC60 Datasheet HTML 6Page - Samsung semiconductor K4S161622H-TC60 Datasheet HTML 7Page - Samsung semiconductor K4S161622H-TC60 Datasheet HTML 8Page - Samsung semiconductor K4S161622H-TC60 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SDRAM 16Mb H-die(x16)
CMOS SDRAM
Rev. 1.5 August 2004
Revision History
Revision 0.0 (May, 2003)
- Target spec release.
Revision 0.1 (October, 2003)
- Modified tRDL from 1CLK to 2CLK.
Revision 0.2 (October, 2003)
- Deleted AC parameter notes 5.
Revision 0.3 (October, 2003)
- Modified tRDL & deleted speed 200MHz.
Revision 1.0 (November, 2003)
- Revision 1.0 spec. release.
Revision 1.1 (December, 2003)
- Corrected PKG dimension.
Revision 1.2 (January, 2004)
- Deleted -10(10ns) speed.
- Modified load cap 50pF -> 30pF.
- Modified DC current .
Revision 1.3 (January, 2004)
- Corrected typo
Revision 1.4 (May, 2004)
- Added Note 8. sentense of tRDL parameter.
Revision 1.5 (August, 2004)
- Modified CLK cycle time(tcc) parameter in AC Characteristics.
( If you want use of CL=2 not CL=3, the maximum operating frequency is 100MHz regardless of its speed bin.)


Similar Part No. - K4S161622H-TC60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S161622D SAMSUNG-K4S161622D Datasheet
1Mb / 41P
   512K x 16Bit x 2 Banks Synchronous DRAM
K4S161622D-TC/L10 SAMSUNG-K4S161622D-TC/L10 Datasheet
1Mb / 41P
   512K x 16Bit x 2 Banks Synchronous DRAM
K4S161622D-TC/L55 SAMSUNG-K4S161622D-TC/L55 Datasheet
1Mb / 41P
   512K x 16Bit x 2 Banks Synchronous DRAM
K4S161622D-TC/L60 SAMSUNG-K4S161622D-TC/L60 Datasheet
1Mb / 41P
   512K x 16Bit x 2 Banks Synchronous DRAM
K4S161622D-TC/L70 SAMSUNG-K4S161622D-TC/L70 Datasheet
1Mb / 41P
   512K x 16Bit x 2 Banks Synchronous DRAM
More results

Similar Description - K4S161622H-TC60

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H561638H SAMSUNG-K4H561638H Datasheet
416Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4S643232H SAMSUNG-K4S643232H Datasheet
118Kb / 12P
   64Mb H-die (x32) SDRAM Specification
K4H560438H SAMSUNG-K4H560438H Datasheet
367Kb / 24P
   256Mb H-die DDR SDRAM Specification
K4S643232H-TC70 SAMSUNG-K4S643232H-TC70 Datasheet
117Kb / 12P
   64Mb H-die (x32) SDRAM Specification
K4S510432B-UC SAMSUNG-K4S510432B-UC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
K4S560432E-TC SAMSUNG-K4S560432E-TC Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification
K4S280832K SAMSUNG-K4S280832K Datasheet
249Kb / 15P
   128Mb K-die SDRAM Specification
K4S510432B-TC SAMSUNG-K4S510432B-TC Datasheet
149Kb / 15P
   512Mb B-die SDRAM Specification
TL431CDT SAMSUNG-TL431CDT Datasheet
145Kb / 14P
   128Mb F-die SDRAM Specification
K4S560432J SAMSUNG-K4S560432J Datasheet
297Kb / 15P
   256Mb J-die SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com